Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N4464ME3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N4464ME3
Description  VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N4464ME3 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N4464ME3 Datasheet HTML 1Page - Microsemi Corporation JANTX1N4464ME3 Datasheet HTML 2Page - Microsemi Corporation JANTX1N4464ME3 Datasheet HTML 3Page - Microsemi Corporation JANTX1N4464ME3 Datasheet HTML 4Page - Microsemi Corporation JANTX1N4464ME3 Datasheet HTML 5Page - Microsemi Corporation JANTX1N4464ME3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0183, Rev. 3 (120901)
©2012 Microsemi Corporation
Page 1 of 6
1N4460 – 1N4496 and 1N6485 – 1N6491
Available on
commercial
versions
VOIDLESS HERMETICALLY SEALED 1.5 WATT
GLASS ZENER DIODES
Qualified per MIL-PRF-19500/406
Qualified Levels:
JAN, JANTX,
JANTXV and JANS
DESCRIPTION
T
his Zener voltage regulator series is military qualified to MIL-PRF-19500/406 and is ideal for
high-reliability applications where a failure cannot be tolerated. These industry-recognized 1.5
watt Zener voltage regulators are hermetically sealed with void-less glass construction using
an internal metallurgical bond. It includes Zener selections from 3.3 to 200 volts in standard
5% tolerance. 1% and 2% tolerance versions are also available. Microsemi also offers
numerous other Zener products to meet higher and lower power ratings in both thru-hole and
surface mount packages.
DO-41 Package
Also available in:
D-5A MELF
Package
(surface mount)
1N4460US – 1N4496US and
1N6485US – 1N6491US
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Popular JEDEC registered series.
Void-less hermetically sealed glass package.
Triple-layer passivation.
Extremely robust construction.
Internal “Category 1” metallurgical bonds for 1N4462 thru 1N4496 and “Category III” for 1N6485 thru
1N6491 as well as 1N4460 and 1N4461.
JAN, JANTX, JANTXV and JANS qualifications are available per MIL-PRF-19500/406.
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range.
Extensive selection from 3.3 to 200 V.
Standard voltage tolerances are plus/minus 5% with no suffix.
Tighter tolerances available in plus or minus 2% or 1%.
Flexible axial-lead mounting terminals.
Non-sensitive to ESD per MIL-STD-750 method 1020.
Inherently radiation hard as described in Microsemi MicroNote 050.
MAXIMUM RATINGS @ TA= 25
oC unless otherwise specified
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ & TSTG
-65 to +175
oC
Steady State Power Dissipation @ TL = +112 ºC
L = .375 inch (9.53 mm)
PD
1.5
W
Thermal Resistance Junction-to-Lead @ .375 inch
(9.52 mm) from body
RӨJL
42
oC/W
Thermal Impedance @ 10 ms
1N4462 – 1N4496
1N6485 – 1N6491
1N4460 – 1N4461
ZӨJX
Figure 3
Figure 4
Figure 4
ºC/W
Forward Voltage
@ 200 mA
@ 1.0 A
VF
1.0
1.5
V
Solder Temperature @ 10 s
TSP
260
oC


Similar Part No. - JANTX1N4464ME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N4464 MICROSEMI-JANTX1N4464 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
JANTX1N4464US MICROSEMI-JANTX1N4464US Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results

Similar Description - JANTX1N4464ME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N4728 NJSEMI-1N4728 Datasheet
146Kb / 1P
   ONE WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com