Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB18NM80 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB18NM80
Description  N-channel 800 V, 0.25 廓, 17 A, MDmes Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18NM80 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB18NM80 Datasheet HTML 5Page - STMicroelectronics STB18NM80 Datasheet HTML 6Page - STMicroelectronics STB18NM80 Datasheet HTML 7Page - STMicroelectronics STB18NM80 Datasheet HTML 8Page - STMicroelectronics STB18NM80 Datasheet HTML 9Page - STMicroelectronics STB18NM80 Datasheet HTML 10Page - STMicroelectronics STB18NM80 Datasheet HTML 11Page - STMicroelectronics STB18NM80 Datasheet HTML 12Page - STMicroelectronics STB18NM80 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STB18NM80, STF18NM80, STP18NM80, STW18NM80
Test circuits
Doc ID 15421 Rev 5
9/21
3
Test circuits
Figure 16.
Switching times test circuit for
resistive load
Figure 17.
Gate charge test circuit
Figure 18.
Test circuit for inductive load
switching and diode recovery times
Figure 19.
Unclamped inductive load test
circuit
Figure 20.
Unclamped inductive waveform
Figure 21.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STB18NM80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB18NM80 ISC-STB18NM80 Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB18NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
logo
STMicroelectronics
STF24NM60N STMICROELECTRONICS-STF24NM60N Datasheet
996Kb / 19P
   N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
logo
Fairchild Semiconductor
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
logo
STMicroelectronics
STB21NK50Z STMICROELECTRONICS-STB21NK50Z Datasheet
360Kb / 13P
   N-channel 500 V, 0.23 廓, 17 A, D2PAK Zener-protected superMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com