Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJP060805 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJP060805
Description  Anti-Surge Thick Film Chip Re sis tors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJP060805 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJP060805 Datasheet HTML 1Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 2Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 3Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 4Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Anti-Surge Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
70 °C
–55 °C
20
40
60
80
100
Ambient Temperature (°C)
155 °C
125 °C
a
b
t
W
L
Ratings
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above
whichever less.
Type
(inch size)
Power Rating
at 70 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature
Range (°C)
ERJP03
(0603)
0.2
150
200
±0.5
10 to 1 M
(E24, E96)
±150
–55 to +155
±1
10 to 1 M
(E24, E96)
±200
±5
1 to 1 M
(E24)
R < 10
Ω : –150 to +400
10
Ω < R : ±200
ERJPA3
(0603)
0.25
150
200
±0.5, ±1
10 to 1 M
(E24, E96)
±100
–55 to +155
±5
1 to 1.5 M
(E24)
±200
ERJP06
(0805)
0.25
400
600
±0.5, ±1
10 to 1 M
(E24, E96)
R < 33
Ω : ±300
33
Ω < R : ±100
–55 to +155
±5
1 to 3.3 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R < 33 Ω : ±300
33
Ω < R : ±200
ERJP6W
(0805)
0.5
150
200
±1
10 to 1 M
(E24, E96)
±200
–55 to +155
±5
1 to 1 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R : ±200
ERJP08
(1206)
0.33
500
1000
±0.5, ±1
10 to 1 M
(E24, E96)
±100
–55 to +155
±5
1 to 10 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R : ±200
ERJP14
(1210)
0.5
200
400
±0.5, ±1
10 to 1 M
(E24, E96)
±100
–55 to +155
±5
1 to 1 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R : ±200
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
✽ When the temperature of ERJP06/08/14 is 155 °C or
less, the derating start temperature can be changed to
125 °C. (See the dotted line)
Thick film
resistive element
Electrode (Inner)
Electrode (Outer)
Electrode
(Between)
Alumina substrate
Protective coating
Construction
Dimensions in mm (not to scale)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJP03
(0603)
1.60
±0.15
0.80
+0.15
0.15
+0.15
0.30
±0.15
0.45
±0.10
2
ERJPA3
(0603)
1.60
±0.15
0.80
+0.15
0.15
+0.15
0.25
±0.10
0.45
±0.10
2
ERJP06
(0805)
2.00
±0.20
1.25
±0.10
0.25
±0.20
0.40
±0.20
0.60
±0.10
4
ERJP6W
(0805)
2.00
±0.20
1.25
±0.20
0.35
±0.20
0.35
±0.20
0.65
±0.10
6
ERJP08
(1206)
3.20
+0.05
1.60
+0.05
0.40
±0.20
0.50
±0.20
0.60
±0.10
10
ERJP14
(1210)
3.20
±0.20
2.50
±0.20
0.35
±0.20
0.50
±0.20
0.60
±0.10
16
–0.20
–0.15
–0.05
–0.10
–0.05
–0.10
Apr. 2013
04
20


Similar Part No. - ERJP060805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJP060805 PANASONIC-ERJP060805 Datasheet
122Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJP060805 PANASONIC-ERJP060805 Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERJP060805 PANASONIC-ERJP060805 Datasheet
148Kb / 6P
   Anti-Surge Thick Film Chip Resistors
More results

Similar Description - ERJP060805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJP14J1R0U PANASONIC-ERJP14J1R0U Datasheet
142Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors
ERJP03J2R2V PANASONIC-ERJP03J2R2V Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERJP03 PANASONIC-ERJP03 Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
   Carbon Film Re sis tors
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com