Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM21BR71H224KA37 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GCM21BR71H224KA37
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR71H224KA37 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GCM21BR71H224KA37 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM21BR71H224KA37 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
Please check the MURATA home page (http://www.murata.com/) if you cannot find a part number in this catalog.
Continued from the preceding page.
!0Package
Code
L
D/W
K
J
B
C
ø180mm Embossed Taping
ø180mm Paper Taping
ø330mm Embossed Taping
ø330mm Paper Taping
Bulk
Bulk Case
Package
iCapacitance Tolerance
Expressed by three figures.
oIndividual Specification Code
uCapacitance
Expressed by three-digit alphanumerics. The unit is pico-farad
(pF). The first and second figures are significant digits, and the
third figure expresses the number of zeros that follow the two
numbers.
If there is a decimal point, it is expressed by the capital letter "R."
In this case, all figures are significant digits.
If any letter, other than "R" is included, this indicates the specific
part number is a non-standard part.
R50
1R0
100
103
Ex.)
0.50pF
1.0pF
10pF
10000pF
Code
Capacitance
yRated Voltage
0J
1A
1C
1E
YA
1H
1J
2A
2E
2W
2J
3A
DC6.3V
DC10V
DC16V
DC25V
DC35V
DC50V
DC63V
DC100V
DC250V
DC450V
DC630V
DC1kV
Code
Rated Voltage
B
C
D
F
G
J
K
M
R
W
±0.1pF
±0.25pF
±0.5pF
±1%
±2%
±5%
±10%
±20%
Depends on individual standards.
±0.05pF
Capacitance Tolerance
Code


Similar Part No. - GCM21BR71H224KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM21BR71H224KA37 MURATA1-GCM21BR71H224KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
GCM21BR71H224KA37 MURATA1-GCM21BR71H224KA37 Datasheet
553Kb / 4P
   Ceramic Capacitors(SMD)
11/07/2022
GCM21BR71H224KA37K MURATA1-GCM21BR71H224KA37K Datasheet
553Kb / 4P
   Ceramic Capacitors(SMD)
11/07/2022
GCM21BR71H224KA37L MURATA1-GCM21BR71H224KA37L Datasheet
553Kb / 4P
   Ceramic Capacitors(SMD)
11/07/2022
GCM21BR71H224KA37 MURATA1-GCM21BR71H224KA37_V01 Datasheet
553Kb / 4P
   Ceramic Capacitors(SMD)
11/07/2022
More results

Similar Description - GCM21BR71H224KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com