Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRPG1211C-TR Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # BRPG1211C-TR
Description  Bi-color Type (1.6 X 1.5 mm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BRPG1211C-TR Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button BRPG1211C-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. BRPG1211C-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
1
10
1
10
100
1000
10000
100000
3.2
10kH
1kHz
100H
50Hz
0
5
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
100
0.1
1
10
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
Duty=5%
DC
Duty=10%
Duty=20%
Duty=50%
Page 11
Bi-color Type (1.6 X 1.5 mm)
1211C Series
FR
YPY
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Relative Intensity
Condition : I
F=5mA
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
2010.7.15
Technical Data(FR,YPY) Low current type(IF=5mA)


Similar Part No. - BRPG1211C-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BRPG1211C ETC-BRPG1211C Datasheet
170Kb / 2P
   Bi-Color Ultra Compact SMT LED
logo
STANLEY ELECTRIC CO.,LT...
BRPG1211C STANLEY-BRPG1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
More results

Similar Description - BRPG1211C-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FRYPY1211C STANLEY-FRYPY1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
logo
HK TO-GRACE TECHNOLOGY ...
APTB1615SYKCGKC-F01 TO-GRACE-APTB1615SYKCGKC-F01 Datasheet
928Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615SYKQBDW TO-GRACE-APTB1615SYKQBDW Datasheet
907Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615YSGC-F01 TO-GRACE-APTB1615YSGC-F01 Datasheet
902Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SYKCGKC TO-GRACE-KPTB-1615SYKCGKC Datasheet
977Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615YSGC TO-GRACE-KPTB-1615YSGC Datasheet
959Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SURKCGKC TO-GRACE-KPTB-1615SURKCGKC Datasheet
965Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SURKQBDC TO-GRACE-KPTB-1615SURKQBDC Datasheet
965Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615ESGC TO-GRACE-KPTB-1615ESGC Datasheet
956Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615ESGC-F01 TO-GRACE-APTB1615ESGC-F01 Datasheet
889Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com