Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN1N5419 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN1N5419
Description  VOIDLESS HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN1N5419 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN1N5419 Datasheet HTML 1Page - Microsemi Corporation JAN1N5419 Datasheet HTML 2Page - Microsemi Corporation JAN1N5419 Datasheet HTML 3Page - Microsemi Corporation JAN1N5419 Datasheet HTML 4Page - Microsemi Corporation JAN1N5419 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T4-LDS-0231, Rev. 1 (111902)
©2011 Microsemi Corporation
Page 2 of 5
1N5415 thru 1N5420
MAXIMUM RATINGS
Notes: 1. At 3/8 inch (10 mm) lead length from body.
2. Derate linearly at 22 mA/
oC for 55 oC < T
A < 100
oC.
3. Above T A = 100
oC, derate linearly at 26.7 mA/oC to zero at T
A = 175
oC.
4. These ambient ratings are for PC boards where thermal resistance from mounting point to ambient is sufficiently controlled where T J(max)
does not exceed 175
oC.
5. IF = 0.5 A, IRM = 1 A, IR(REC) = 0.250 A.
MECHANICAL and PACKAGING
CASE: Hermetically sealed voidless hard glass with tungsten slugs.
TERMINALS: Axial-leads are tin/lead (Sn/Pb) over copper. RoHS compliant matte-tin is available for commercial grade only.
MARKING: Body paint and part number.
POLARITY: Cathode band.
TAPE & REEL option: Standard per EIA-296. Contact factory for quantities.
WEIGHT: 750 milligrams.
See Package Dimensions on last page.
PART NOMENCLATURE
JAN
1N5415
(e3)
Reliability Level
JAN = JAN Level
JANTX = JANTX Level
JANTXV = JANTXV Level
JANS = JANS Level
Blank = commercial
JEDEC type number
See Electrical Characteristics
table
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
SYMBOLS & DEFINITIONS
Symbol
Definition
V BR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
V RWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range
excluding all transient voltages (ref JESD282-B).
IO
Average Rectified Output Current: The Output Current averaged over a full cycle with a 50 Hz or 60 Hz sine-wave
input and a 180 degree conduction angle.
V F
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and
temperature.
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when changing from
the forward direction to the reverse direction and a specified decay point after a peak reverse current occurs.


Similar Part No. - JAN1N5419

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N5419 MICROSEMI-JAN1N5419 Datasheet
46Kb / 2P
   FAST RECTIFIERS
JAN1N5419 MICROSEMI-JAN1N5419 Datasheet
87Kb / 2P
   RECTIFIERS
More results

Similar Description - JAN1N5419

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5615 MICROSEMI-1N5615_07 Datasheet
181Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6624 MICROSEMI-JANTX1N6624 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_09 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com