Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM4560E Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM4560E
Description  DUAL OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM4560E Datasheet(HTML) 1 Page - New Japan Radio

  NJM4560E Datasheet HTML 1Page - New Japan Radio NJM4560E Datasheet HTML 2Page - New Japan Radio NJM4560E Datasheet HTML 3Page - New Japan Radio NJM4560E Datasheet HTML 4Page - New Japan Radio NJM4560E Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NJM4560
- 1 -
Ver.2011-12-12
DUAL OPERATIONAL AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM4560 integrated circuit is a high-gain, wide
bandwidth, dual operational amplifier capable of driving 20V
peak-to-peak into 400Ω loads. The NJM4560 combines
many of the features of the NJM4558 as well as providing the
capability of wider bandwidth, and higher slew rate make the
NJM4560 ideal for active filters, data and telecommunications,
and many instrumentation applications. The availability of the
NJM4560 in the surface mounted micro-package allows the
NJM4560 to be used in critical applications requiring very high
packing densities.
■ FEATURES
● Operating Voltage
( ±4V~±18V )
● Wide Gain Bandwidth Product
( 10MHz typ. )
● Slew Rate
( 4V/μs typ. )
● Package Outline
DIP8, DMP8, SIP8, SOP8 JEDEC 150mil
● Bipolar Technology
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT ( 1/2 Shown )
NJM4560D
( DIP8)
NJM4560M
( DMP8 )
NJM4560E
( SOP8 )
NJM4560L
( SIP8 )
PIN FUNCTION
1. A OUTPUT
2. A - INPUT
3. A +INPUT
4. V
-
5. B +INPUT
6. B - INPUT
7. B OUTPUT
8. V
+
8
7
6
5
1
2
3
4
A
B
( Top View )
NJM4560D, NJM4560M, NJM4560E
A
B
1
2
34
56
7
8
NJM4560L
- INPUT
V +
OUTPUT
+ INPUT
V -


Similar Part No. - NJM4560E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
NJM4560E-TE1 NJRC-NJM4560E-TE1 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
NJM4560E-TE2 NJRC-NJM4560E-TE2 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - NJM4560E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com