Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV1N6857-1E3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTXV1N6857-1E3
Description  Schottky Barrier Diode Qualified per MIL-PRF-19500/444
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV1N6857-1E3 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTXV1N6857-1E3 Datasheet HTML 1Page - Microsemi Corporation JANTXV1N6857-1E3 Datasheet HTML 2Page - Microsemi Corporation JANTXV1N6857-1E3 Datasheet HTML 3Page - Microsemi Corporation JANTXV1N6857-1E3 Datasheet HTML 4Page - Microsemi Corporation JANTXV1N6857-1E3 Datasheet HTML 5Page - Microsemi Corporation JANTXV1N6857-1E3 Datasheet HTML 6Page - Microsemi Corporation JANTXV1N6857-1E3 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
T4-LDS-0040, Rev. 4 (6/4/13)
©2013 Microsemi Corporation
Page 2 of 7
1N5711-1, 1N5712-1, 1N6857-1, and
1N6858-1; DSB2810 and DSB5712
MECHANICAL and PACKAGING
CASE: Hermetically sealed glass package.
TERMINALS: Tin/lead plated or RoHS compliant matte-tin (on commercial grade only) over copper clad steel. Solderable per
MIL-STD-750, method 2026.
POLARITY: Cathode indicated by band.
MARKING: Part number.
TAPE & REEL option: Standard per EIA-296. Consult factory for quantities.
WEIGHT: Approximately 0.2 grams.
See Package Dimensions on last page.
PART NOMENCLATURE
JAN
1N5711
-1
(e3)
Reliability Level
JAN = JAN level
JANTX = JANTX level
JANTXV = JANTXV level
CDS (reference JANS)*
Blank = Commercial grade
*Available only on 1N5711-1
JEDEC type number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant (on
commercial grade only)
Blank = non-RoHS compliant
Metallurgically Bonded
DSB
2810
(e3)
Diode Schottky Barrier
Series number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant
Blank = non-RoHS compliant
SYMBOLS & DEFINITIONS
Symbol
Definition
C
Capacitance: The capacitance in pF at a frequency of 1 MHz and specified voltage.
f
frequency
IR
Reverse Current: The dc current flowing from the external circuit into the cathode terminal at the specified voltage V R.
IO
Average Rectified Output Current: The Output Current averaged over a full cycle with a 50 Hz or 60 Hz sine-wave
input and a 180 degree conduction angle.
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when changing from
the forward direction to the reverse direction and a specified decay point after a peak reverse current occurs.
V (BR)
Breakdown Voltage: A voltage in the breakdown region.
V F
Forward Voltage: A positive dc anode-cathode voltage the device will exhibit at a specified forward current.
V R
Reverse Voltage: A positive dc cathode-anode voltage below the breakdown region.
V RWM
Working Peak Reverse Voltage: The peak voltage excluding all transient voltages (ref JESD282-B). Also sometimes
known historically as PIV.


Similar Part No. - JANTXV1N6857-1E3

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
JANTXV1N6857-1 CDI-DIODE-JANTXV1N6857-1 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

Similar Description - JANTXV1N6857-1E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com