Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV2N3439E3 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # JANTXV2N3439E3
Description  NPN LOW POWER SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV2N3439E3 Datasheet(HTML) 6 Page - Microsemi Corporation

  JANTXV2N3439E3 Datasheet HTML 1Page - Microsemi Corporation JANTXV2N3439E3 Datasheet HTML 2Page - Microsemi Corporation JANTXV2N3439E3 Datasheet HTML 3Page - Microsemi Corporation JANTXV2N3439E3 Datasheet HTML 4Page - Microsemi Corporation JANTXV2N3439E3 Datasheet HTML 5Page - Microsemi Corporation JANTXV2N3439E3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LDS-0022, Rev. 4 (111683)
©2011 Microsemi Corporation
Page 6 of 6
2N3439 thru 2N3440
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4. Dimension TL measured from maximum HD.
5. Body contour optional within zone defined by HD, CD, and Q.
6. CD shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
7. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within .007 inch (0.18 mm)
radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be measured by
direct methods or by gauging procedure.
8. Dimension LU applies between L1 and L2. Dimension LD applies between L2 and LL minimum. Diameter is uncontrolled in
and beyond LL minimum.
9. All three leads.
10. The collector shall be internally connected to the case.
11. Dimension r (radius) applies to both inside corners of tab.
12. In accordance with ASME Y14.5M, diameters are equivalent
to Φx symbology.
13. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
14. For transistor types 2N3439 and 2N3440 (TO-39), dimension LL = .5 inch (12.70 mm) min. and .750 inch (19.05 mm) max.
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
6
CH
.240
.260
6.10
6.60
HD
.335
.370
8.51
9.40
LC
.200 TP
5.08 TP
7
LD
.016
.019
0.41
0.48
8,9
LL
See note 14
LU
.016
.019
0.41
0.48
8,9
L1
.050
1.27
8,9
L2
.250
6.35
8,9
P
.100
2.54
7
Q
.030
0.76
5
TL
.029
.045
0.74
1.14
3,4
TW
.028
.034
0.71
0.86
3
r
.010
0.25
10
α
45° TP
45° TP
7


Similar Part No. - JANTXV2N3439E3

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
JANTXV2N3439 SOLITRON-JANTXV2N3439 Datasheet
136Kb / 2P
   NPN LOW POWER TRANSISTORS - 1
More results

Similar Description - JANTXV2N3439E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com