Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN1N3006BRB Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN1N3006BRB
Description  10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN1N3006BRB Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN1N3006BRB Datasheet HTML 1Page - Microsemi Corporation JAN1N3006BRB Datasheet HTML 2Page - Microsemi Corporation JAN1N3006BRB Datasheet HTML 3Page - Microsemi Corporation JAN1N3006BRB Datasheet HTML 4Page - Microsemi Corporation JAN1N3006BRB Datasheet HTML 5Page - Microsemi Corporation JAN1N3006BRB Datasheet HTML 6Page - Microsemi Corporation JAN1N3006BRB Datasheet HTML 7Page - Microsemi Corporation JAN1N3006BRB Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T4-LDS-0075, Rev. 3 (5/24/13)
©2013 Microsemi Corporation
Page 1 of 8
1N2970B – 1N3015B and
1N3993A – 1N3998A
Available on
commercial
versions
10 Watt Zener Diodes
Qualified per MIL-PRF-19500/124
Qualified Levels:
JAN, JANTX, and
JANTXV
DESCRIPTION
The JEDEC registered 1N2970B through 1N3015B and 1N3993A through 1N3998A series are
10W Zener diodes with voltage regulation values between 3.9 and 200V. They are available
in JAN, JANTX, and JANTXV military qualification grades on most voltage values.
DO-213AA (DO-4)
Package
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Internal solder bond construction.
Hermetically sealed (welded).
Zener regulation voltages from 3.9 V to 200 V.
Standard and reverse polarities are available.
Consult factory for surface mount equivalents.
JAN, JANTX, and JANTXV qualifications are available per MIL-PRF-19500/124.
RoHS compliant devices available by adding “e3” suffix (commercial grade only).
APPLICATIONS / BENEFITS
Regulates voltage over a broad range of current and temperature.
Standard voltage tolerances are +/- 5%.
Nonsensitive to ESD per MIL-STD-750 method 1020.
Inherently radiation hard as described in Microsemi MicroNote 050.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction Temperature
TJ
-65 to +175
oC
Storage Temperature
TSTG
-65 to +200
oC
Thermal Resistance Junction-to-Case
RӨJC
12
oC/W
Steady-State Power Dissipation @ TC = +55 ºC
(1)
PD
10
W
Forward Voltage @ 2.0 A
VF
1.5
V
Solder Pad Temperature @ 10 s
TSP
260
ºC
NOTES:
1. Derate at 0.083 W/ºC above +55 ºC.


Similar Part No. - JAN1N3006BRB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N3006B MICROSEMI-JAN1N3006B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
More results

Similar Description - JAN1N3006BRB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N6051AJANTX MICROSEMI-1N6051AJANTX Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com