Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEB1H2R2S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUEB1H2R2S
Description  Aluminum Electrolytic Capacitors/ EB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB1H2R2S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUEB1H2R2S Datasheet HTML 1Page - Panasonic Semiconductor EEUEB1H2R2S Datasheet HTML 2Page - Panasonic Semiconductor EEUEB1H2R2S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EB
– EEE-89 –
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(mm)(mm)(mm)
(pcs)
(pcs)
160
22
10
20
470
0.155000
0.6
5.0
5.0
EEUEB2C220( )
200
500
33
10
20
470
0.155000
0.6
5.0
5.0
EEUEB2C330( )
200
500
47
12.5
20
600
0.15
5000
0.6
5.0
5.0
EEUEB2C470( )
200
500
68
12.5
25
750
0.155000
0.6
5.0
5.0
EEUEB2C680( )
200
500
16
20
750
0.15
5000
0.8
7.5
7.5
EEUEB2C680S( )
100
250
100
16
25
1060
0.15
5000
0.8
7.5
7.5
EEUEB2C101( )
100
250
18
20
1060
0.15
5000
0.8
7.5
7.5
EEUEB2C101S( )
100
250
150
16
31.5
1280
0.15
5000
0.8
7.5
EEUEB2C151
100
18
25
1280
0.15
5000
0.8
7.5
7.5
EEUEB2C151S( )
100
250
220
16
31.5
1280
0.15
5000
0.8
7.5
EEUEB2C221
100
18
25
1280
0.15
5000
0.8
7.5
7.5
EEUEB2C221S( )
100
250
330
18
31.5
1690
0.15
5000
0.8
7.5
EEUEB2C331
50
200
22
10
20
470
0.155000
0.6
5.0
5.0
EEUEB2D220( )
200
500
33
12.5
20
600
0.15
5000
0.6
5.0
5.0
EEUEB2D330( )
200
500
47
12.5
20
600
0.15
5000
0.6
5.0
5.0
EEUEB2D470( )
200
500
68
12.5
25
750
0.155000
0.6
5.0
5.0
EEUEB2D680( )
200
500
16
20
750
0.15
5000
0.8
7.5
7.5
EEUEB2D680S( )
100
250
100
16
25
1060
0.15
5000
0.8
7.5
7.5
EEUEB2D101( )
100
250
18
20
1060
0.15
5000
0.8
7.5
7.5
EEUEB2D101S( )
100
250
150
16
31.5
1280
0.15
5000
0.8
7.5
EEUEB2D151
100
18
25
1280
0.15
5000
0.8
7.5
7.5
EEUEB2D151S( )
100
250
220
18
31.5
1690
0.15
5000
0.8
7.5
EEUEB2D221
100
250
22
12.5
20
560
0.15
5000
0.6
5.0
5.0
EEUEB2E220( )
200
500
33
12.5
20
560
0.15
5000
0.6
5.0
5.0
EEUEB2E330( )
200
500
47
12.5
25
710
0.155000
0.6
5.0
5.0
EEUEB2E470( )
200
500
16
20
710
0.15
5000
0.8
7.5
7.5
EEUEB2E470S( )
100
250
68
16
25
990
0.15
5000
0.8
7.5
7.5
EEUEB2E680( )
100
250
18
20
990
0.15
5000
0.8
7.5
7.5
EEUEB2E680S( )
100
250
100
16
31.5
1200
0.15
5000
0.8
7.5
EEUEB2E101
100
18
25
1200
0.15
5000
0.8
7.5
7.5
EEUEB2E101S( )
100
250
150
18
31.5
1470
0.15
5000
0.8
7.5
EEUEB2E151
50
350
10
10
20
270
0.20
5000
0.6
5.0
5.0
EEUEB2V100( )
200
500
22
12.5
20
350
0.20
5000
0.6
5.0
5.0
EEUEB2V220( )
200
500
33
16
20
480
0.205000
0.8
7.5
7.5
EEUEB2V330S( )
100
250
47
16
25
640
0.20
5000
0.8
7.5
7.5
EEUEB2V470( )
100
250
18
20
640
0.20
5000
0.8
7.5
7.5
EEUEB2V470S( )
100
250
68
16
31.5
780
0.205000
0.8
7.5
EEUEB2V680
100
18
25
780
0.20
5000
0.8
7.5
7.5
EEUEB2V680S( )
100
250
100
18
31.5
970
0.20
5000
0.8
7.5
EEUEB2V101
50
400
10
10
20
250
0.24
5000
0.6
5.0
5.0
EEUEB2G100( )
200
500
22
12.5
25
410
0.245000
0.6
5.0
5.0
EEUEB2G220( )
200
500
16
20
410
0.24
5000
0.8
7.5
7.5
EEUEB2G220S( )
100
250
33
16
25
600
0.24
5000
0.8
7.5
7.5
EEUEB2G330( )
100
250
18
20
600
0.24
5000
0.8
7.5
7.5
EEUEB2G330S( )
100
250
47
16
31.5
730
0.245000
0.8
7.5
EEUEB2G470
100
18
25
730
0.24
5000
0.8
7.5
7.5
EEUEB2G470S( )
100
250
450
10
12.5
20
310
0.24
5000
0.6
5.0
5.0
EEUEB2W100( )
200
500
22
16
25
560
0.24
5000
0.8
7.5
7.5
EEUEB2W220( )
100
250
18
20
560
0.24
5000
0.8
7.5
7.5
EEUEB2W220S( )
100
250
33
16
31.5
680
0.245000
0.8
7.5
EEUEB2W330( )
100
18
25
680
0.24
5000
0.8
7.5
7.5
EEUEB2W330S( )
100
250
47
18
31.5
850
0.24
5000
0.8
7.5
EEUEB2W470
50
Standard Products
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C 5000 h
00 Nov. 2012


Similar Part No. - EEUEB1H2R2S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
157Kb / 2P
   Radial Lead Type
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
More results

Similar Description - EEUEB1H2R2S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EB1A222B PANASONIC-EEU-EB1A222B Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470SB PANASONIC-EEU-EB1H470SB Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H100S PANASONIC-EEU-EB1H100S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEUEB1A101 PANASONIC-EEUEB1A101 Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com