Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELLVEG220M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELLVEG220M
Description  Power Inductors / Wire Wound type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELLVEG220M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELLVEG220M Datasheet HTML 1Page - Panasonic Semiconductor ELLVEG220M Datasheet HTML 2Page - Panasonic Semiconductor ELLVEG220M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
Quantity 2000 pcs./reel
Tape running direction
A–A' Section
3.3±0.1
R0.20
max.
R0.10
4.0 ° max.
0.4±0.1
t
t
Type
R0.20
R0.60
2.00±0.05
4.0±0.1
AA
,
f1.50
+0
.1
–0
8.0±0.1
ELLVEG
ELLVFG-C
ELLVGG
ELLVGG-C
1.1±0.3
1.3±0.3
1.6±0.3
1.6±0.3
Embossed Carrier Tape Dimensions in mm (not to scale)
Sep. 2012
01
55


Similar Part No. - ELLVEG220M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELLVEG220M PANASONIC-ELLVEG220M Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELLVEG220M PANASONIC-ELLVEG220M Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
ELLVEG220M PANASONIC-ELLVEG220M Datasheet
93Kb / 3P
   Power Inductors / Wire Wound type
ELLVEG220M PANASONIC-ELLVEG220M Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
More results

Similar Description - ELLVEG220M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELL-6RH1R0M PANASONIC-ELL-6RH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
logo
Panasonic Semiconductor
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-VEG3R3N PANASONIC-ELL-VEG3R3N Datasheet
93Kb / 3P
   Power Inductors / Wire Wound type
ELL-VEG4R7N PANASONIC-ELL-VEG4R7N Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com