Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV2N7228 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANTXV2N7228
Description  N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV2N7228 Datasheet(HTML) 3 Page - Microsemi Corporation

  JANTXV2N7228 Datasheet HTML 1Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 2Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 3Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 4Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 5Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 6Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 7Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 8Page - Microsemi Corporation JANTXV2N7228 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T4-LDS-0102, Rev. 3 (121485)
©2012 Microsemi Corporation
Page 3 of 9
2N7224, 2N7225, 2N7227 and 2N7228
ELECTRICAL CHARACTERISTICS @ TA = +25 °C, unless otherwise noted
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 1.0 mA
2N7224
2N7225
2N7227
2N7228
V(BR)DSS
100
200
400
500
V
Gate-Source Voltage (Threshold)
VDS
≥ V
GS, ID = 0.25 mA
VDS
≥ V
GS, ID = 0.25 mA, TJ = +125°C
VDS
≥ V
GS, ID = 0.25 mA, TJ = -55°C
VGS(th)1
VGS(th)2
VGS(th)3
2.0
1.0
4.0
5.0
V
Gate Current
VGS = ± 20 V, VDS = 0 V
VGS = ± 20 V, VDS = 0 V, TJ = +125°C
IGSS1
IGSS2
±100
±200
nA
Drain Current
VGS = 0 V, VDS = 80 V
VGS = 0 V, VDS = 160 V
VGS = 0 V, VDS = 320 V
VGS = 0 V, VDS = 400 V
2N7224
2N7225
2N7227
2N7228
IDSS1
25
µA
Drain Current
VGS = 0 V, VDS = 80 V, TJ = +125 °C
VGS = 0 V, VDS = 160 V, TJ = +125 °C
VGS = 0 V, VDS = 320 V, TJ = +125 °C
VGS = 0 V, VDS = 400 V, TJ = +125 °C
2N7224
2N7225
2N7227
2N7228
IDSS2
0.25
mA
Static Drain-Source On-State Resistance
VGS = 10 V, ID = 21.0 A pulsed
VGS = 10 V, ID = 17.0 A pulsed
VGS = 10 V, ID = 9.0 A pulsed
VGS = 10 V, ID = 8.0 A pulsed
2N7224
2N7225
2N7227
2N7228
rDS(on)1
0.070
0.100
0.315
0.415
Static Drain-Source On-State Resistance
VGS = 10 V, ID = 34.0 A pulsed
VGS = 10 V, ID = 27.4 A pulsed
VGS = 10 V, ID = 14.0 A pulsed
VGS = 10 V, ID = 12.0 A pulsed
2N7224
2N7225
2N7227
2N7228
rDS(on)2
0.081
0.105
0.415
0.515
Static Drain-Source On-State Resistance
TJ = +125°C
VGS = 10 V, ID = 21.0 A pulsed
VGS = 10 V, ID = 17.0 A pulsed
VGS = 10 V, ID = 9.0 A pulsed
VGS = 10 V, ID = 8.0 A pulsed
2N7224
2N7225
2N7227
2N7228
rDS(on)3
0.11
0.17
0.68
0.90
Diode Forward Voltage
VGS = 0 V, ID = 34.0 A pulsed
VGS = 0 V, ID = 27.4 A pulsed
VGS = 0 V, ID = 14.0 A pulsed
VGS = 0 V, ID = 12.0 A pulsed
2N7224
2N7225
2N7227
2N7228
VSD
1.8
1.9
1.7
1.7
V


Similar Part No. - JANTXV2N7228

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTXV2N7228 IRF-JANTXV2N7228 Datasheet
181Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
Microsemi Corporation
JANTXV2N72281N6036 MICROSEMI-JANTXV2N72281N6036 Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
JANTXV2N72281N6036A MICROSEMI-JANTXV2N72281N6036A Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
JANTXV2N72281N6036AE3 MICROSEMI-JANTXV2N72281N6036AE3 Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
JANTXV2N72281N6036E3 MICROSEMI-JANTXV2N72281N6036E3 Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
More results

Similar Description - JANTXV2N7228

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com