Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1225A-2PQG176C Datasheet(PDF) 2 Page - Microsemi Corporation

Part # A1225A-2PQG176C
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1225A-2PQG176C Datasheet(HTML) 2 Page - Microsemi Corporation

  A1225A-2PQG176C Datasheet HTML 1Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 2Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 3Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 4Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 5Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 6Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 7Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 8Page - Microsemi Corporation A1225A-2PQG176C Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
ACT 2 Family FPGAs
II
Re vis i on 8
Ordering Information
_
Part Number
Speed Grade
Package Type
Package Lead Count
C = Commercial (0 to +70°C)
I = Industrial (–40 to +85°C)
M = Military (–55 to +125°C)
B = MIL-STD-883
Application (T emperature Range)
PL = Plastic J-Leaded Chip Carrier
PQ = Plastic Quad Flat Pack
CQ = Ceramic Quad Flat Pack
PG = Ceramic Pin Grid Array
TQ = Thin (1.4 mm) Quad Flat Pack
VQ = Very Thin (1.0 mm) Quad Flat Pack
Blank = Standard Speed
–1 = Approximately 15% faster than Standard
–2 = Approximately 25% faster than Standard
A1225 = 2,500 Gates
A1240 = 4,000 Gates
A1280 = 8,000 Gates
A1280
1
Die Revision
A = 1.0
μm CMOS Process
A
PG
176
G
C
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging


Similar Part No. - A1225A-2PQG176C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1225A-2PQ176B ACTEL-A1225A-2PQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-2PQ176C ACTEL-A1225A-2PQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-2PQ176I ACTEL-A1225A-2PQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-2PQ176M ACTEL-A1225A-2PQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1225A-2PQG176C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com