Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN2N6764 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # JAN2N6764
Description  N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N6764 Datasheet(HTML) 4 Page - Microsemi Corporation

  JAN2N6764 Datasheet HTML 1Page - Microsemi Corporation JAN2N6764 Datasheet HTML 2Page - Microsemi Corporation JAN2N6764 Datasheet HTML 3Page - Microsemi Corporation JAN2N6764 Datasheet HTML 4Page - Microsemi Corporation JAN2N6764 Datasheet HTML 5Page - Microsemi Corporation JAN2N6764 Datasheet HTML 6Page - Microsemi Corporation JAN2N6764 Datasheet HTML 7Page - Microsemi Corporation JAN2N6764 Datasheet HTML 8Page - Microsemi Corporation JAN2N6764 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
T4-LDS-0101, Rev. 3 (121466)
©2012 Microsemi Corporation
Page 4 of 9
2N6764, 2N6766, 2N6768 and 2N6770
ELECTRICAL CHARACTERISTICS @ TA = +25 °C, unless otherwise noted (continued)
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Gate Charge:
On-State Gate Charge
VGS = 10 V, ID = 38.0 A, VDS = 50 V
VGS = 10 V, ID = 30.0 A, VDS = 100 V
VGS = 10 V, ID = 14.0 A, VDS = 200 V
VGS = 10 V, ID = 12.0 A, VDS = 250 V
2N6764
2N6766
2N6768
2N6770
Qg(on)
125
115
110
120
nC
Gate to Source Charge
VGS = 10 V, ID = 38.0 A, VDS = 50 V
VGS = 10 V, ID = 30.0 A, VDS = 100 V
VGS = 10 V, ID = 14.0 A, VDS = 200 V
VGS = 10 V, ID = 12.0 A, VDS = 250 V
2N6764
2N6766
2N6768
2N6770
Qgs
22
22
18
19
nC
Gate to Drain Charge
VGS = 10 V, ID = 38.0 A, VDS = 50 V
VGS = 10 V, ID = 30.0 A, VDS = 100 V
VGS = 10 V, ID = 14.0 A, VDS = 200 V
VGS = 10 V, ID = 12.0 A, VDS = 250 V
2N6764
2N6766
2N6768
2N6770
Qgd
65
60
65
70
nC
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-on delay time
ID = 38.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 50 V
ID = 30.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 100 V
ID = 14.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 200 V
ID = 12.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 250 V
2N6764
2N6766
2N6768
2N6770
td(on)
35
ns
Rise time
ID = 38.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 50 V
ID = 30.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 100 V
ID = 14.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 200 V
ID = 12.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 250 V
2N6764
2N6766
2N6768
2N6770
tr
190
ns
Turn-off delay time
ID = 38.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 50 V
ID = 30.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 100 V
ID = 14.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 200 V
ID = 12.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 250 V
2N6764
2N6766
2N6768
2N6770
td(off)
170
ns
Fall time
ID = 38.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 50 V
ID = 30.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 100 V
ID = 14.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 200 V
ID = 12.0 A, VGS = 10 V, RG = 2.35 Ω, VDD = 250 V
2N6764
2N6766
2N6768
2N6770
tf
130
ns
Diode Reverse Recovery Time
di/dt = 100 A/µs, VDD
≤ 30 V, I
D = 38.0 A
di/dt = 100 A/µs, VDD
≤ 30 V, I
D = 30.0 A
di/dt = 100 A/µs, VDD
≤ 30 V, I
D = 14.0 A
di/dt = 100 A/µs, VDD
≤ 30 V, I
D = 12.0 A
2N6764
2N6766
2N6768
2N6770
trr
500
950
1200
1600
ns


Similar Part No. - JAN2N6764

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6768 MICROSEMI-JAN2N6768 Datasheet
245Kb / 5P
   N-CHANNEL MOSFET
More results

Similar Description - JAN2N6764

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com