Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1EHG332 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECA1EHG332
Description  Aluminum Electrolytic Capacitors/ NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1EHG332 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECA1EHG332 Datasheet HTML 1Page - Panasonic Semiconductor ECA1EHG332 Datasheet HTML 2Page - Panasonic Semiconductor ECA1EHG332 Datasheet HTML 3Page - Panasonic Semiconductor ECA1EHG332 Datasheet HTML 4Page - Panasonic Semiconductor ECA1EHG332 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ NHG
– EEE-100 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
6.3
220
5
11
140
0.28
1000
0.5
2.0
5.0
2.5
ECA0JHG221( )
200
2000
470
6.3
11.2
2300.28
1000
0.5
2.5
5.0
2.5
ECA0JHG471( )
200
2000
1000
8
11.5
380
0.28
1000
0.6
3.5
5.0
ECA0JHG102( )
200
1000
2200
10
16
710
0.302000
0.6
5.0
5.0
ECA0JHG222( )
200
500
3300
10
20
840
0.322000
0.6
5.0
5.0
ECA0JHG332( )
200
500
4700
12.5
20
1090
0.34
2000
0.6
5.0
5.0
ECA0JHG472( )
200
500
6800
12.5
25
1350
0.38
2000
0.6
5.0
5.0
ECA0JHG682( )
200
500
10000
16
25
1650
0.46
2000
0.8
7.5
7.5
ECA0JHG103( )
100
250
15000
16
31.5
2010
0.56
2000
0.8
7.5
ECA0JHG153
100
22000
18
35.5
2350
0.70
2000
0.8
7.5
ECA0JHG223
50
10
330
6.3
11.2
2000.24
1000
0.5
2.5
5.0
2.5
ECA1AHG331( )
200
2000
470
8
11.5
250
0.241000
0.6
3.5
5.0
ECA1AHG471( )
200
1000
1000
10
12.5
460
0.24
2000
0.6
5.0
5.0
ECA1AHG102( )
200
500
2200
10
20
760
0.262000
0.6
5.0
5.0
ECA1AHG222( )
200
500
3300
12.5
20
1000
0.28
2000
0.6
5.0
5.0
ECA1AHG332( )
200
500
4700
12.5
25
1260
0.30
2000
0.6
5.0
5.0
ECA1AHG472( )
200
500
6800
16
25
1570
0.34
2000
0.8
7.5
7.5
ECA1AHG682( )
100
250
10000
16
31.5
1890
0.42
2000
0.8
7.5
ECA1AHG103
100
15000
18
35.5
2180
0.52
2000
0.8
7.5
ECA1AHG153
50
16
100
5
11
110
0.20
1000
0.5
2.0
5.0
2.5
ECA1CHG101( )
200
2000
220
6.3
11.2
180
0.20
1000
0.5
2.5
5.0
2.5
ECA1CHG221( )
200
2000
330
8
11.5
260
0.201000
0.6
3.5
5.0
ECA1CHG331( )
200
1000
470
8
11.5
310
0.201000
0.6
3.5
5.0
ECA1CHG471( )
200
1000
1000
10
16
560
0.20
2000
0.6
5.0
5.0
ECA1CHG102( )
200
500
2200
12.5
20
920
0.222000
0.6
5.0
5.0
ECA1CHG222( )
200
500
3300
12.5
25
1170
0.24
2000
0.6
5.0
5.0
ECA1CHG332( )
200
500
4700
16
25
1480
0.26
2000
0.8
7.5
7.5
ECA1CHG472( )
100
250
6800
16
31.5
1780
0.30
2000
0.8
7.5
ECA1CHG682
100
10000
18
35.5
2060
0.38
2000
0.8
7.5
ECA1CHG103
50
25
47
5
11
91
0.161000
0.5
2.0
5.0
2.5
ECA1EHG470( )
200
2000
100
6.3
11.2
130
0.161000
0.5
2.5
5.0
2.5
ECA1EHG101( )
200
2000
220
8
11.5
230
0.161000
0.6
3.5
5.0
ECA1EHG221( )
200
1000
330
8
11.5
310
0.161000
0.6
3.5
5.0
ECA1EHG331( )
200
1000
470
10
12.5
380
0.16
2000
0.6
5.0
5.0
ECA1EHG471( )
200
500
1000
10
20
680
0.16
2000
0.6
5.0
5.0
ECA1EHG102( )
200
500
2200
12.5
25
1090
0.18
2000
0.6
5.0
5.0
ECA1EHG222( )
200
500
3300
16
25
1400
0.20
2000
0.8
7.5
7.5
ECA1EHG332( )
100
250
4700
16
31.5
1750
0.22
2000
0.8
7.5
ECA1EHG472
100
6800
18
35.5
2040
0.26
2000
0.8
7.5
ECA1EHG682
50
35
47
5
11
90
0.141000
0.5
2.0
5.0
2.5
ECA1VHG470( )
200
2000
100
6.3
11.2
150
0.141000
0.5
2.5
5.0
2.5
ECA1VHG101( )
200
2000
220
8
11.5
270
0.141000
0.6
3.5
5.0
ECA1VHG221( )
200
1000
330
10
12.5
350
0.14
2000
0.6
5.0
5.0
ECA1VHG331( )
200
500
470
10
16
460
0.14
2000
0.6
5.0
5.0
ECA1VHG471( )
200
500
1000
12.5
20
810
0.14
2000
0.6
5.0
5.0
ECA1VHG102( )
200
500
2200
16
25
1260
0.16
2000
0.8
7.5
7.5
ECA1VHG222( )
100
250
3300
16
31.5
1610
0.18
2000
0.8
7.5
ECA1VHG332
100
4700
18
35.5
1910
0.20
2000
0.8
7.5
ECA1VHG472
50
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
00 Nov. 2012


Similar Part No. - ECA1EHG332

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1EHG332 PANASONIC-ECA1EHG332 Datasheet
317Kb / 5P
   Radial Lead Type
ECA1EHG332 PANASONIC-ECA1EHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1EHG332 PANASONIC-ECA1EHG332 Datasheet
88Kb / 5P
   Radial Lead Type
ECA1EHG332 PANASONIC-ECA1EHG332 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1EHG332 PANASONIC-ECA1EHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results

Similar Description - ECA1EHG332

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com