Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN2N6802 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # JAN2N6802
Description  N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N6802 Datasheet(HTML) 9 Page - Microsemi Corporation

  JAN2N6802 Datasheet HTML 1Page - Microsemi Corporation JAN2N6802 Datasheet HTML 2Page - Microsemi Corporation JAN2N6802 Datasheet HTML 3Page - Microsemi Corporation JAN2N6802 Datasheet HTML 4Page - Microsemi Corporation JAN2N6802 Datasheet HTML 5Page - Microsemi Corporation JAN2N6802 Datasheet HTML 6Page - Microsemi Corporation JAN2N6802 Datasheet HTML 7Page - Microsemi Corporation JAN2N6802 Datasheet HTML 8Page - Microsemi Corporation JAN2N6802 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
T4-LDS-0047, Rev. 3 (121483)
©2012 Microsemi Corporation
Page 9 of 9
2N6796, 2N6798, 2N6800, 2N6802
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches. Millimeters are given for general information only.
2.
Beyond radius (r) maximum, j shall be held for a minimum length of .011 (0.028 mm).
3.
Dimension TL measured from maximum HD.
4.
Outline in this zone is not controlled.
5.
Dimension CD shall not vary more than .010 (0.25 mm) in zone P. This zone is controlled for automatic handling.
6.
Leads at gauge plane .054 +.001, -.000 (1.37 +0.03, -0.00 mm) below seating plane shall be within .007 (0.18 mm) radius
of true position (TP) at maximum material condition (MMC) relative to tab at MMC.
7.
LU applies between L1 and L2. LD applies between L2 and L minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
8.
All three leads.
9.
Radius (r) applies to both inside corners of tab.
10. Drain is electrically connected to the case.
11. In accordance with ASME Y14.5M, diameters are equivalent to
Φx symbology.
Dimensions
Symbol
Inch
Millimeters
Note
Min
Max
Min
Max
CD
0.305
0.355
7.75
9.02
CH
0.160
.180
4.07
4.57
HD
0.335
0.370
8.51
9.39
LC
0.200 TP
5.08 TP
6
LD
0.016
0.021
0.41
0.53
7, 8
LL
0.500
0.750
12.70
19.05
7, 8
LU
0.016
0.019
0.41
0.48
7, 8
L1
0.050
1.27
7, 8
L2
0.250
6.35
7, 8
P
.070
1.78
5
Q
0.050
1.27
4
TL
0.029
0.045
0.74
1.14
3
TW
0.028
0.034
0.72
0.86
2
TH
.009
.041
0.23
1.04
r
0.010
0.25
9
α
45° TP
45° TP
6


Similar Part No. - JAN2N6802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6032 MICROSEMI-JAN2N6032 Datasheet
66Kb / 2P
   NPN POWER SILICON TRANSISTOR
JAN2N6033 MICROSEMI-JAN2N6033 Datasheet
66Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
Micrel Semiconductor
JAN2N6051 MICREL-JAN2N6051 Datasheet
57Kb / 2P
   PNP DARLINGTON POWER SILICON TRANSISTOR
JAN2N6052 MICREL-JAN2N6052 Datasheet
57Kb / 2P
   PNP DARLINGTON POWER SILICON TRANSISTOR
logo
Microsemi Corporation
JAN2N6211 MICROSEMI-JAN2N6211 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
More results

Similar Description - JAN2N6802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com