Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF2474 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWF2474
Description  Metallized Polypropylene Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2474 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWF2474 Datasheet HTML 1Page - Panasonic Semiconductor ECWF2474 Datasheet HTML 2Page - Panasonic Semiconductor ECWF2474 Datasheet HTML 3Page - Panasonic Semiconductor ECWF2474 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Plastic Film Capacitors
Metallized Polypropylene Film Capacitors
Type:
ECWF(A)
Designed for high frequency and current applications.
■Features
Small size
Excellent frequency characteristics
●Low loss
Low Hum Sound Noise
●RoHS directive compliant
■Recommended Applications
250VDC:High frequency and high current circuits
450VDC:Active filter circuits
■Explanation of Part Numbers
1
2
3
4
5
6
7
8
9
10
11
Dielectric &
construction
Product code
Capacitance
Cap. Tol.
Suffix
E
C
W
F
A
Suffix
Rated voltage
●Explanation of Part Numbers for Odd Size Taping
■Specifications
Category temp. range
(Including temperature-rise
on unit surface)
40 ℃ to +105 ℃
250 VDC
Rated voltage
450 VDC
Peak to peak voltage applied on the capacitor should be less than
240Vp-p ,and zero to peak voltage should be less than 450V.
250 VDC
0.1 uF to 6.8 uF
Capacitance range
450 VDC
0.1 uF to 4.7 uF
250 VDC
±
3% (H),±5% (J)
Capacitance tolerance
450 VDC
±
5% (J),±10 % (K)
Withstand voltage
Between terminals:Rated voltage(VDC)×150 % 60 s
Dissipation factor (tanδ)
tanδ≦0.1 % (20 ℃,1 kHz)
250 VDC
C≦0.33 uF:IR≧9000 MΩ
C>0.33 uF:IR≧3000 MΩ・uF
Insulation resistance (IR)
450 VDC
C≦0.33 uF:IR≧30,000 MΩ
C>0.33 uF:IR≧10,000 MΩ・uF
*In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to
the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
H
±3 %
Suffix
Lead form
Blank
2
250 VDC
Straight
J
±5 %
J
±5 %
2W
B
Crimped Lead
450 VDC
K
±10 %
Q
Crimped Lead
(20 ℃, 100 VDC, 60 s )
(20 ℃, 100 VDC, 60 s )
Capacitance
Suffix
E
C
W
F
R
A
Product code
Rated voltage
Dielectric &
Suffix Cap. Tol.
construction
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.


Similar Part No. - ECWF2474

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF2474 PANASONIC-ECWF2474 Datasheet
100Kb / 3P
   Metallized Polypropylene Film Capacitors
ECWF2474 PANASONIC-ECWF2474 Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2474A PANASONIC-ECWF2474A Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2474JA PANASONIC-ECWF2474JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2474MB PANASONIC-ECWF2474MB Datasheet
92Kb / 4P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF2474

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com