Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY287DG-TL Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TNY287DG-TL
Description  Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY287DG-TL Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TNY287DG-TL Datasheet HTML 6Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 7Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 8Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 9Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 10Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 11Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 12Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 13Page - Power Integrations, Inc. TNY287DG-TL Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Rev. A 09/12
10
TNY284-290
www.powerint.com
capacitor to be effective as a high frequency filter, the capacitor
should be located as close as possible to the SOURCE and
BYPASS/MULTI-FUNCTIONAL pins of the device.
For best performance of the OVP function, it is recommended
that a relatively high bias winding voltage is used, in the range of
15 V - 30 V. This minimizes the error voltage on the bias
winding due to leakage inductance and also ensures adequate
voltage during no-load operation from which to supply the
BYPASS/MULTI-FUNCTIONAL pin for reduced no-load
consumption.
Selecting the Zener diode voltage to be approximately 6 V
above the bias winding voltage (28 V for 22 V bias winding)
gives good OVP performance for most designs, but can be
adjusted to compensate for variations in leakage inductance.
Adding additional filtering can be achieved by inserting a low
value (10
W to 47 W) resistor in series with the bias winding
diode and/or the OVP Zener as shown by R7 and R3 in Figure 16.
The resistor in series with the OVP Zener also limits the
maximum current into the BYPASS/MULTI-FUNCTIONAL pin.
Reducing No-load Consumption
As TinySwitch-4 is self-powered from the BYPASS/MULTI-
FUNCTIONAL pin capacitor, there is no need for an auxiliary or
bias winding to be provided on the transformer for this purpose.
Typical no-load consumption when self-powered is <150 mW at
265 VAC input. The addition of a bias winding can reduce this
down to <50 mW by supplying the TinySwitch-4 from the lower
bias voltage and inhibiting the internal high-voltage current
source. To achieve this, select the value of the resistor (R8 in
Figure 16) to provide the data sheet DRAIN supply current. In
practice, due to the reduction of the bias voltage at low load,
start with a value equal to 40% greater than the data sheet
maximum current, and then increase the value of the resistor to
give the lowest no-load consumption.
Audible Noise
The cycle skipping mode of operation used in TinySwitch-4 can
generate audio frequency components in the transformer. To
limit this audible noise generation the transformer should be
designed such that the peak core flux density is below
3000 Gauss (300 mT). Following this guideline and using the
standard transformer production technique of dip varnishing
practically eliminates audible noise. Vacuum impregnation of
the transformer should not be used due to the high primary
capacitance and increased losses that result. Higher flux
densities are possible, however careful evaluation of the audible
noise performance should be made using production
transformer samples before approving the design.
Ceramic capacitors that use dielectrics such as Z5U, when
used in clamp circuits, may also generate audio noise. If this is
the case, try replacing them with a capacitor having a different
dielectric or construction, for example a film type.
TinySwitch-4 Layout Considerations
Layout
See Figure 17 for a recommended circuit board layout for
TinySwitch-4.
Single Point Grounding
Use a single point ground connection from the input filter
capacitor to the area of copper connected to the SOURCE pins.
Bypass Capacitor (C
BP)
The BYPASS/MULTI-FUNCTIONAL pin capacitor must be
located directly adjacent to the BYPASS/MULTI-FUNCTIONAL
and SOURCE pins.
If a 0.1
μF bypass capacitor has been selected it should be a
high frequency ceramic type (e.g. with X7R dielectric). It must
be placed directly between the ENABLE and SOURCE pins to
filter external noise entering the BYPASS pin. If a 1
μF or 10 μF
bypass capacitor was selected then an additional 0.1
μF
capacitor should be added across BYPASS and SOURCE pins
to provide noise filtering (see Figure 17).
ENABLE/UNDERVOLTAGE Pin
Keep traces connected to the ENABLE/UNDERVOLTAGE pin
short and, as far as is practical, away from all other traces and
nodes above source potential including, but not limited to, the
bypass, drain and bias supply diode anode nodes.
Primary Loop Area
The area of the primary loop that connects the input filter
capacitor, transformer primary and TinySwitch-4 should be kept
as small as possible.
Primary Clamp Circuit
A clamp is used to limit peak voltage on the DRAIN pin at
turn-off. This can be achieved by using an RCD clamp or a
Zener (~200 V) and diode clamp across the primary winding.
To reduce EMI, minimize the loop from the clamp components
to the transformer and TinySwitch-4.
Thermal Considerations
The SOURCE pins are internally connected to the IC lead frame
and provide the main path to remove heat from the device.
Therefore all the SOURCE pins should be connected to a
copper area underneath the TinySwitch-4 to act not only as a
single point ground, but also as a heat sink. As this area is
connected to the quiet source node, this area should be
maximized for good heat sinking. Similarly for axial output
diodes, maximize the PCB area connected to the cathode.
Peak Output Power Table
Product
230 VAC ± 15%
85-265 VAC
I
LIMIT-1
I
LIMIT
I
LIMIT+1
I
LIMIT-1
I
LIMIT
I
LIMIT+1
TNY284P
9.1 W 10.9 W 9.1 W
7.1 W
8.5 W
7.1 W
TNY285P
10.8 W
12 W
15.1 W 8.4 W
9.3 W 11.8 W
TNY286P
11.8 W 15.3 W 19.4 W 9.2 W 11.9 W 15.1 W
TNY287P
15.1 W 19.6 W 23.7 W 11.8 W 15.3 W 18.5 W
TNY288P
19.4 W
24 W
28 W
15.1 W 18.6 W 21.8 W
TNY289P
23.7 W 28.4 W 32.2 W 18.5 W
22 W
25.2 W
TNY290P
28 W
32.7 W 36.6 W 21.8 W 25.4 W 28.5 W
Table 3.
Minimum Practical Power at Three Selectable Current Limit Levels.


Similar Part No. - TNY287DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY287DG-TL POWERINT-TNY287DG-TL Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results

Similar Description - TNY287DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com