Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG12N60A4D Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HGTG12N60A4D
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG12N60A4D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HGTG12N60A4D Datasheet HTML 1Page - Fairchild Semiconductor HGTG12N60A4D Datasheet HTML 2Page - Fairchild Semiconductor HGTG12N60A4D Datasheet HTML 3Page - Fairchild Semiconductor HGTG12N60A4D Datasheet HTML 4Page - Fairchild Semiconductor HGTG12N60A4D Datasheet HTML 5Page - Fairchild Semiconductor HGTG12N60A4D Datasheet HTML 6Page - Fairchild Semiconductor HGTG12N60A4D Datasheet HTML 7Page - Fairchild Semiconductor HGTG12N60A4D Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG12N60A4D, HGTP12N60A4D, HGT1S12N60A4DS Rev. B
HGTG12N60A4D, HGTP12N60A4D,
HGT1S12N60A4DS
600V, SMPS Series N-Channel IGBT with
Anti-Parallel Hyperfast Diode
The HGTG12N60A4D, HGTP12N60A4D and
HGT1S12N60A4DS are MOS gated high voltage switching
devices combining the best features of MOSFETs and
bipolar transistors. These devices have the high input
impedance of a MOSFET and the low on-state conduction
loss of a bipolar transistor. The much lower on-state voltage
drop varies only moderately between 25oC and 150oC. The
IGBT used is the development type TA49335. The diode
used in anti-parallel is the development type TA49371.
This IGBT is ideal for many high voltage switching
applications operating at high frequencies where low
conduction losses are essential. This device has been
optimized for high frequency switch mode power supplies.
Formerly Developmental Type TA49337.
Symbol
Features
• >100kHz Operation . . . . . . . . . . . . . . . . . . . . . 390V, 12A
• 200kHz Operation . . . . . . . . . . . . . . . . . . . . . . . 390V, 9A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 70ns at TJ = 125
oC
• Low Conduction Loss
• Temperature Compensating SABER™ Model
www.fairchildsermi.com
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards
Packaging
JEDEC TO-220AB ALTERNATE VERSION
JEDEC TO-263AB
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTG12N60A4D
TO-247
12N60A4D
HGTP12N60A4D
TO-220AB
12N60A4D
HGT1S12N60A4DS
TO-263AB
12N60A4D
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB variant in tape and reel, e.g.
HGT1S12N60A4DS9A.
C
E
G
G
C
E
COLLECTOR
(FLANGE)
G
COLLECTOR
(FLANGE)
E
COLLECTOR
(FLANGE)
C
E
G
Fairchild CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
December 2001


Similar Part No. - HGTG12N60A4D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
More results

Similar Description - HGTG12N60A4D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com