Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358D Datasheet(PDF) 8 Page - Texas Instruments

Part # LM358D
Description  DUAL OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358D Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM358D Datasheet HTML 4Page - Texas Instruments LM358D Datasheet HTML 5Page - Texas Instruments LM358D Datasheet HTML 6Page - Texas Instruments LM358D Datasheet HTML 7Page - Texas Instruments LM358D Datasheet HTML 8Page - Texas Instruments LM358D Datasheet HTML 9Page - Texas Instruments LM358D Datasheet HTML 10Page - Texas Instruments LM358D Datasheet HTML 11Page - Texas Instruments LM358D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
DUAL OPERATIONAL AMPLIFIERS
SLOS068R − JUNE 1976 − REVISED JULY 2010
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
LM158A
LM258A
UNIT
PARAMETER
TEST CONDITIONS
TA‡
MIN
TYP§
MAX
MIN
TYP§
MAX
UNIT
V
Input offset voltage
VCC = 5 V to 30 V,
V
V
25
°C
2
2
3
mV
VIO
Input offset voltage
VIC = VICR(min),
VO = 1.4 V
Full range
4
4
mV
a
V
IO
Average
temperature
coefficient of
input offset voltage
Full range
7
15*
7
15
µV/°C
I
Input offset current
V =14V
25
°C
2
10
2
15
nA
IIO
Input offset current
VO = 1.4 V
Full range
30
30
nA
a
I
IO
Average
temperature
coefficient of
input offset current
Full range
10
200
10
200
pA/
°C
I
Input bias current
V =14V
25
°C
−15
−50
−15
−80
nA
IIB
Input bias current
VO = 1.4 V
Full range
−100
−100
nA
V C
Common-mode
VCC =30V
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common mode
input voltage range
VCC = 30 V
Full range
0 to
VCC − 2
0 to
VCC − 2
V
High level
RL ≥ 2 kΩ
25
°C
VCC − 1.5
VCC − 1.5
VOH
High-level
output voltage
V
=30V
RL = 2 kΩ
Full range
26
26
V
VOH
output voltage
VCC = 30 V
RL ≥ 10 kΩ
Full range
27
28
27
28
V
VOL
Low-level
output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
A
Large-signal
differential
VCC = 15 V,
V
1Vto11V
25
°C
50
100
50
100
V/mV
AVD
differential
voltage amplification
VO = 1 V to 11 V,
RL ≥ 2 kΩ
Full range
25
25
V/mV
CMRR
Common-mode
rejection ratio
25
°C
70
80
70
80
dB
kSVR
Supply-voltage
rejection ratio
(
∆VDD/∆VIO)
25
°C
65
100
65
100
dB
VO1/VO2
Crosstalk
attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
dB
VCC = 15 V,
V
1V
Source
25
°C
−20
−30
−60
−20
−30
−60
VID = 1 V,
VO = 0
Source
Full range
−10
−10
mA
IO
Output current
VCC = 15 V,
V
1V
Sink
25
°C
10
20
10
20
mA
VID = −1 V,
VO = 15
Sink
Full range
5
5
VID = −1 V, VO = 200 mV
25
°C
12
30
12
30
µA
IOS
Short-circuit output
current
VCC at 5 V, GND at −5 V,
VO = 0
25
°C
±40
±60
±40
±60
mA
Supply current (two
VO = 2.5 V, No load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current (two
amplifiers)
VCC = MAX, VO = 0.5 V,
No load
Full range
1
2
1
2
mA
*On products compliant to MIL-PRF-38535, this parameter is not production tested.
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for
testing purposes is 26 V for LM2904 and 30 V for others.
Full range is −55
°C to 125°C for LM158A, −25°C to 85°C for LM258A, and 0°C to 70°C for LM358A.
§ All typical values are at TA = 25°C.


Similar Part No. - LM358D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358D MOTOROLA-LM358D Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM358D STMICROELECTRONICS-LM358D Datasheet
323Kb / 19P
   Low power dual operational amplifiers
logo
ARTSCHIP ELECTRONICS CO...
LM358D ARTSCHIP-LM358D Datasheet
252Kb / 16P
   Frequency - Compensated
logo
ON Semiconductor
LM358D ONSEMI-LM358D Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
Tiger Electronic Co.,Lt...
LM358D TGS-LM358D Datasheet
849Kb / 8P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - LM358D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com