Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415EVAL1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL85415EVAL1Z
Description  Wide VIN 500mA Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85415EVAL1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL85415EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL85415EVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL85415
10
FN8373.0
July 15, 2013
Efficiency Curves F
SW = 500kHz, TA = +25°C
FIGURE 17. EFFICIENCY vs LOAD, PFM, VOUT = 5V
FIGURE 18. EFFICIENCY vs LOAD, PWM, VOUT = 5V
FIGURE 19. EFFICIENCY vs LOAD, PFM, VOUT = 3.3V
FIGURE 20. EFFICIENCY vs LOAD, PWM, VOUT = 3.3V
FIGURE 21. EFFICIENCY vs LOAD, PFM, VOUT = 1.8V
FIGURE 22. EFFICIENCY vs LOAD, PWM, VOUT = 1.8V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
OUTPUT LOAD (A)
VIN = 6V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
OUTPUT LOAD (A)
VIN = 6V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
OUTPUT LOAD (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
OUTPUT LOAD (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
OUTPUT LOAD (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
OUTPUT LOAD (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V


Similar Part No. - ISL85415EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415EVAL1Z INTERSIL-ISL85415EVAL1Z Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415EVAL1Z RENESAS-ISL85415EVAL1Z Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results

Similar Description - ISL85415EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Intersil Corporation
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com