Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576T-15 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2576T-15
Description  SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576T-15 Datasheet(HTML) 1 Page - Texas Instruments

  LM2576T-15 Datasheet HTML 1Page - Texas Instruments LM2576T-15 Datasheet HTML 2Page - Texas Instruments LM2576T-15 Datasheet HTML 3Page - Texas Instruments LM2576T-15 Datasheet HTML 4Page - Texas Instruments LM2576T-15 Datasheet HTML 5Page - Texas Instruments LM2576T-15 Datasheet HTML 6Page - Texas Instruments LM2576T-15 Datasheet HTML 7Page - Texas Instruments LM2576T-15 Datasheet HTML 8Page - Texas Instruments LM2576T-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LM2576, LM2576HV
www.ti.com
SNVS107C – JUNE 1999 – REVISED APRIL 2013
LM2576/LM2576HV Series SIMPLE SWITCHER® 3A Step-Down Voltage Regulator
Check for Samples: LM2576, LM2576HV
1
FEATURES
DESCRIPTION
The LM2576 series of regulators are monolithic
23
3.3V, 5V, 12V, 15V, and Adjustable Output
integrated circuits that provide all the active functions
Versions
for a step-down (buck) switching regulator, capable of
Adjustable Version Output Voltage
driving 3A load with excellent line and load regulation.
Range,1.23V to 37V (57V for HV Version) ±4%
These devices are available in fixed output voltages
Max Over Line and Load Conditions
of 3.3V, 5V, 12V, 15V, and an adjustable output
version.
Specified 3A Output Current
Wide Input Voltage Range, 40V Up to 60V for
Requiring
a
minimum
number
of
external
HV Version
components, these regulators are simple to use and
include internal frequency compensation and a fixed-
Requires Only 4 External Components
frequency oscillator.
52 kHz Fixed Frequency Internal Oscillator
The
LM2576
series
offers
a
high-efficiency
TTL Shutdown Capability, Low Power Standby
replacement
for
popular
three-terminal
linear
Mode
regulators. It substantially reduces the size of the
High Efficiency
heat sink, and in some cases no heat sink is
required.
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit
A standard series of inductors optimized for use with
Protection
the LM2576 are available from several different
manufacturers. This feature greatly simplifies the
P+ Product Enhancement Tested
design of switch-mode power supplies.
APPLICATIONS
Other features include a specified ±4% tolerance on
output voltage within specified input voltages and
Simple High-Efficiency Step-Down (Buck)
output load conditions, and ±10% on the oscillator
Regulator
frequency. External shutdown is included, featuring
Efficient Pre-Regulator for Linear Regulators
50
μA (typical) standby current. The output switch
includes cycle-by-cycle current limiting, as well as
On-Card Switching Regulators
thermal shutdown for full protection under fault
Positive to Negative Converter (Buck-Boost)
conditions.
TYPICAL APPLICATION
(Fixed Output Voltage Versions)
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2576T-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576T-15 NSC-LM2576T-15 Datasheet
491Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
LM2576T-15 NSC-LM2576T-15 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-15 ONSEMI-LM2576T-15 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
List of Unclassifed Man...
LM2576T-15 ETC1-LM2576T-15 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
Motorola, Inc
LM2576T-15 MOTOROLA-LM2576T-15 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
More results

Similar Description - LM2576T-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576 TI-LM2576_15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576T-ADJ TI1-LM2576T-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com