Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61092RSAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61092RSAR
Description  SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61092RSAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61092RSAR Datasheet HTML 3Page - Texas Instruments TPS61092RSAR Datasheet HTML 4Page - Texas Instruments TPS61092RSAR Datasheet HTML 5Page - Texas Instruments TPS61092RSAR Datasheet HTML 6Page - Texas Instruments TPS61092RSAR Datasheet HTML 7Page - Texas Instruments TPS61092RSAR Datasheet HTML 8Page - Texas Instruments TPS61092RSAR Datasheet HTML 9Page - Texas Instruments TPS61092RSAR Datasheet HTML 10Page - Texas Instruments TPS61092RSAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
VI = 1.8 V
VI = 2.4 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
TPS61091
EFFICIENCY
vs
OUTPUT CURRENT
IO - Output Current - mA
VO = 3.3 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
TPS61090
EFFICIENCY
vs
OUTPUT CURRENT
IO - Output Current - mA
VO = 2.5 V
VI = 1.8 V
50
80
90
100
TPS61091
EFFICIENCY
vs
INPUT VOLTAGE
VI - Input Voltage - V
IO = 10 mA
IO = 100 mA
1.8
2
2.6
2.8
3
2.2
2.4
3.2
60
IO = 500 mA
70
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VI = 2.4 V
VI = 3.3 V
VO = 5 V
IO - Output Current - mA
TPS61092
EFFICIENCY
vs
OUTPUT CURRENT
TPS61090
TPS61091, TPS61092
SLVS484A – JUNE 2003 – REVISED APRIL 2004
TYPICAL CHARACTERISTICS (continued)
Figure 3.
Figure 4.
Figure 5.
Figure 6.
7


Similar Part No. - TPS61092RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61092RSA TI-TPS61092RSA Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results

Similar Description - TPS61092RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
logo
Monolithic Power System...
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
[Old version datasheet]   TPS6109x Synchronous Boost Converter With 2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com