Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61092RSAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61092RSAR
Description  SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61092RSAR Datasheet(HTML) 2 Page - Texas Instruments

  TPS61092RSAR Datasheet HTML 1Page - Texas Instruments TPS61092RSAR Datasheet HTML 2Page - Texas Instruments TPS61092RSAR Datasheet HTML 3Page - Texas Instruments TPS61092RSAR Datasheet HTML 4Page - Texas Instruments TPS61092RSAR Datasheet HTML 5Page - Texas Instruments TPS61092RSAR Datasheet HTML 6Page - Texas Instruments TPS61092RSAR Datasheet HTML 7Page - Texas Instruments TPS61092RSAR Datasheet HTML 8Page - Texas Instruments TPS61092RSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS61090
TPS61091, TPS61092
SLVS484A – JUNE 2003 – REVISED APRIL 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT VOLTAGE
TA
PACKAGE
Part Number(2)
DC/DC
Adjustable
16-Pin QFN 4x4mm
TPS61090RSA
40
°C to 85°C
3.3 V
16-Pin QFN 4x4mm
TPS61091RSA
5 V
16-Pin QFN 4x4mm
TPS61092RSA
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
The RSA package is available taped and reeled. Add R suffix to device type (e.g., TPS61090RSAR) to order quantities of 3000 devices
per reel.
over operating free-air temperature range (unless otherwise noted)(1)
TPS6109x
Input voltage range on LBI
-0.3 V to 3.6 V
Input voltage range on SW, VOUT, LBO, VBAT, SYNC, EN, FB
-0.3 V to 7 V
Operating free air temperature range TA
-40
°C to 85°C
Maximum junction temperature TJ
150
°C
Storage temperature range Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX UNIT
Supply voltage at VBAT, VI
1.8
5.5
V
Inductance, L
2.2
6.8
µH
Input, capacitance, Ci
10
µF
Output capacitance, Co
22
100
µF
Operating free air temperature, TA
-40
85
°C
Operating virtual junction temperature, TJ
-40
125
°C
over recommended free-air temperature range and over recommended input voltage range (typical values are at an ambient
temperature range of 25
°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
1.8
5.5
V
VO
TPS61090 output voltage range
1.8
5.5
V
VFB
TPS61090 feedback voltage
490
500
510
mV
f
Oscillator frequency
500
600
700
kHz
Frequency range for synchronization
500
700
kHz
ISW
Switch current limit
VOUT= 5 V
2000
2200
2500
mA
Start-up current limit
0.4 x ISW
mA
Boost switch on resistance
VOUT= 5 V
55
m
Rectifying switch on resistance
VOUT= 5 V
55
m
Total accuracy
-3%
3%
Line regulation
0.6%
2


Similar Part No. - TPS61092RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61092RSA TI-TPS61092RSA Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results

Similar Description - TPS61092RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
logo
Monolithic Power System...
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
[Old version datasheet]   TPS6109x Synchronous Boost Converter With 2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com