Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40007DGQG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40007DGQG4
Description  LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40007DGQG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40007DGQG4 Datasheet HTML 1Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 2Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 3Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 4Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 5Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 6Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 7Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 8Page - Texas Instruments TPS40007DGQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS40007
TPS40009
SLUS589B− NOVEMBER 2003 − REVISED FEBRUARY 2005
4
www.ti.com
ELECTRICAL CHARACTERISTICS
temperature range, TA = −40_C to 85_C, VDD = 5.0 V, TA = TJ; all parameters measured at zero power dissipation
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVER
RHDHI
HDRV pull-up resistance
VBOOT−VSW = 3.3 V,
ISOURCE = −100 mA
3
5.5
RHDLO HDRV pull-down resistance
VBOOT − VSW = 3.3 V,
ISINK = 100 mA
1.5
3
RLDHI
LDRV pull-up resistance
VDD = 3.3 V,
ISOURCE = −100 mA
3
5.5
RLDLO
LDRV pull-down resistance
VDD = 3.3 V,
ISINK = 100 mA
1.0
2.0
tRLD
LDRV rise time
15
35
tFLD
LDRV fall time
CLOAD = 1 nF
10
25
ns
tRHD
HDRV rise time
CLOAD = 1 nF
15
35
ns
tFHD
HDRV fall time
10
25
PREDICTIVE DELAY
VSWP
Sense threshold to modulate delay time
−350
mV
TLDHD
Maximum delay modulation range time
LDRV OFF − to − HDRV ON
45
70
95
Predictive counter delay time per bit
LDRV OFF − to − HDRV ON
2.8
4.3
6.2
ns
THDLD
Maximum delay modulation range
HDRV OFF − to − LDRV ON
50
80
110
ns
Predictive counter delay time per bit
HDRV OFF − to − LDRV ON
3.0
4.8
6.6
SHUTDOWN
VSD
Shutdown threshold voltage
Outputs OFF
0.21
0.26
0.31
V
VEN
Device active threshold voltage
0.25
0.29
0.35
V
SOFTSTART
ISS
Soft-start source current
Outputs OFF
2.0
3.7
5.4
µA
VSS
Soft-start voltage to begin VOUT start
0.35
0.65
0.95
V
BOOTSTRAP
RBOOT Bootstrap switch resistance
VDD = 3.3 V
50
100
RBOOT Bootstrap switch resistance
VDD = 5 V
35
70
VOUT PRE-BIAS
Recommended VOUT pre-bias level as
% of final regulation(1)(4)
FB percent of 700 mV
90%
SW NODE
ISW
Leakage current in shutdown
2
µA
THERMAL SHUTDOWN
tSD
Shutdown temperature(1)
165
°C
Restart from thermal shutdown(1)
−15
°C
(1)
Ensured by design. Not production tested.
(2)
Derate the maximum duty cycle by 3% for VDD < 3 V.
(3)
Operating at PWM on-times of less than 100 ns could lead to overlap between HDRV and LDRV pulses.
(4)
Prebiased output greater than 90% of final regulation may lead to sinking current from the prebias output.


Similar Part No. - TPS40007DGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40007DGQ TI-TPS40007DGQ Datasheet
429Kb / 23P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIEDCY SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40007DGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
TPS40007 TI-TPS40007 Datasheet
429Kb / 23P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIEDCY SYNCHRONOUS BUCK CONTROLLER
logo
Semtech Corporation
SC4608 SEMTECH-SC4608 Datasheet
361Kb / 19P
   Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4609 SEMTECH-SC4609 Datasheet
329Kb / 18P
   Low Input, MHz Operation, High Efficiency Synchronous Buck
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Semtech Corporation
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
   Low Input, High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com