Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK302P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK302P
Description  LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK302P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK302P Datasheet HTML 6Page - Power Integrations, Inc. LNK302P Datasheet HTML 7Page - Power Integrations, Inc. LNK302P Datasheet HTML 8Page - Power Integrations, Inc. LNK302P Datasheet HTML 9Page - Power Integrations, Inc. LNK302P Datasheet HTML 10Page - Power Integrations, Inc. LNK302P Datasheet HTML 11Page - Power Integrations, Inc. LNK302P Datasheet HTML 12Page - Power Integrations, Inc. LNK302P Datasheet HTML 13Page - Power Integrations, Inc. LNK302P Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2-10
Rev. I 11/08
10
LNK302/304-306
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS (cont.)
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V
T
J = 25 °C
LNK302/304
-5.5
-3.3
-1.8
mA
LNK305/306
-7.5
-4.6
-2.5
I
CH2
V
BP = 4 V
T
J = 25 °C
LNK302/304
-3.8
-2.3
-1.0
LNK305/306
-4.5
-3.3
-1.5
BYPASS Pin
Voltage
V
BP
5.55
5.8
6.10
V
BYPASS Pin
Voltage Hysteresis
V
BPH
0.8
0.95
1.2
V
BYPASS Pin
Supply Current
I
BPSC
See Note D
68
μA
CIRCUIT PROTECTION
Current Limit
I
LIMIT (See
Note E)
di/dt = 55 mA/
μs
T
J = 25 °C
LNK302
126
136
146
mA
di/dt = 250 mA/
μs
T
J = 25 °C
145
165
185
di/dt = 65 mA/
μs
T
J = 25 °C
LNK304
240
257
275
di/dt = 415 mA/
μs
T
J = 25 °C
271
308
345
di/dt = 75 mA/
μs
T
J = 25 °C
LNK305
350
375
401
di/dt = 500 mA/
μs
T
J = 25 °C
396
450
504
di/dt = 95 mA/
μs
T
J = 25 °C
LNK306
450
482
515
di/dt = 610 mA/
μs
T
J = 25 °C
508
578
647
Minimum On Time
t
ON(MIN)
LNK302/304
280
360
475
ns
LNK305
360
460
610
LNK306
400
500
675
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C
See Note F
170
215
ns
Thermal Shutdown
Temperature
T
SD
135
142
150
°C


Similar Part No. - LNK302P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results

Similar Description - LNK302P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com