Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6204ZHK200 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6204ZHK200
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6204ZHK200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6204ZHK200 Datasheet HTML 2Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 3Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 4Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 5Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 6Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 7Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 8Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 9Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
TMS320C6204
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS152C -- OCTOBER 2000 -- REVISED MARCH 2004
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
C62xdevice compatibility
The TMS320C6202, C6202B, C6203, and C6204 devices are pin-compatible; thus, making new system
designs easier and providing faster time to market. The following list summarizes the C62x™ DSP device
characteristic differences:
D
Core Supply Voltage (1.8 V versus 1.7 V, 1.5 V, 1.2 V)
The C6202 device core supply voltage is 1.8 V while the C6202B, C6203B, C6204 devices have core supply
voltages of 1.5 V. The C6203B device (GLS package only) has a 1.7-V core supply voltage, and the C6203C
device has a core supply voltage of 1.2 V.
D
PLL Options Availability
Table 1 identifies the available PLL multiply factors [e.g., CLKIN x1 (PLL bypassed), x4, etc.] for each of the
C62x™ DSP devices. For additional details on the PLL clock module and specific options for the C6204
device, see the Clock PLL section of this data sheet.
For additional details on the PLL clock module and specific options for the C6202/02B/03 devices, see the
Clock PLL sections of the TMS320C6202, TMS320C6202B Fixed-Point Digital Signal Processors Data
Sheet (literature number SPRS104) and the TMS320C6203 Fixed-Point Digital Signal Processor Data
Sheet (literature number SPRS086).
D
On-Chip Memory Size
The C6202/02B, C6203, and C6204 devices have different on-chip program memory and data memory
sizes (see Table 1).
D
McBSPs
The C6204 device has two McBSPs on-chip while the C6202, C6202B, C6203 devices have three McBSPs
on-chip.
For a more detailed discussion on migration concerns, and similarities/differences between the C6202,
C6202B, C6203, and C6204 devices, see the How to Begin Development and Migrate Across the
TMS320C6202/6202B/6203/6204 DSPs Application Report (literature number SPRA603).


Similar Part No. - TMS320C6204ZHK200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6204ZHK200 TI1-TMS320C6204ZHK200 Datasheet
1Mb / 95P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6204ZHK200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com