Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210Y152JXQCW1BC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1210Y152JXQCW1BC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1210Y152JXQCW1BC Datasheet(HTML) 2 Page - Vishay Siliconix

  1210Y152JXQCW1BC Datasheet HTML 1Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 2Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 3Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 4Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 5Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 6Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 7Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 8Page - Vishay Siliconix 1210Y152JXQCW1BC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
2
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dissipation Factor (DF):
C0G (NP0): Cap. < 30 pF: Q
 400 + 20C
Cap.
 30 pF: Q  1000
X5R, X7R:
Y5V:
Note
• Detail ratings see “Selection Chart”
RATED
VOLTAGE
D.F.
EXCEPTION OF D.F.
 50 V
2.5 %
3 %
0603
 0.047 μF; 0805  0.18 μF;
1206
 0.47 μF
5 %
1210
 4.7 μF
10 %
0603
 1 μF; 0805  1 μF;
1206
 2.2 μF; 1210  10 μF
25 V
3.5 %
5 %
0805
 1 μF; 1210  10 μF
7 %
0603
 0.33 μF; 1206  4.7 μF
10 %
0402
 0.10 μF; 0603  0.47 μF;
0805
 2.2 μF; 1206  6.8 μF;
1210
 22 μF
16 V
3.5 %
5 %
0402
 0.033 μF; 0603  0.15 μF;
0805
 0.68 μF; 1206  2.2 μF;
1210
 4.7 μF
10 %
0402
 0.22 μF; 0603  0.68 μF;
0805
 2.2 μF; 1206  4.7 μF;
1210
 22 μF
10 V
5 %
10 %
0402
 0.33 μF; 0603  0.33 μF;
0805
 2.2 μF; 1206  2.2 μF;
1210
 22 μF
15 %
0402
 1 μF
6.3 V
10 %
15 %
0402
 1 μF; 0603  10 μF;
0805
 4.7 μF; 1206  47 μF;
1210
 100 μF
20 %
0402
 2.2 μF
RATED
VOLTAGE
D.F.
EXCEPTION OF D.F.
 50 V
5 %
7 %
0603
 0.1 μF; 0805  0.47 μF;
1206
 4.7 μF
35 V
7 %
-
-
25 V
5 %
7 %
0402
 0.047 μF; 0603  0.1 μF;
0805
 0.33 μF; 1206  1 μF;
1210
 4.7 μF
9 %
0402
 0.068 μF; 0603  0.47 μF;
1206
 4.7 μF; 1210  22 μF
16 V
C < 1.0 μF
7 %
9 %
0402
 0.068 μF; 0603  0.68 μF
12.5 %
0402
 0.22 μF
16 V
C
 1.0 μF
9 %
12.5 %
0603
 2.2 μF; 0805  3.3 μF;
1206
 10 μF; 1210  22 μF
10 V
12.5 %
20 %
0402
 0.47 μF
6.3 V
20 %
-
-
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
C0G (NP0)
0402
100
0.5 pF
1.0 nF
0603
100
0.5 pF
3.3 nF
0805
100
0.5 pF
12 nF
1206
100
1.5 pF
39 nF
X5R
0402
25
47 nF
10 μF
0603
25
220 nF
22 μF
0805
25
1.5 μF
47 μF
1206
25
1.5 μF
100 μF
1210
16
1.5 μF
100 μF
X7R
0402
50
100 pF
220 nF
0603
100
100 pF
2.2 μF
0805
100
100 pF
10 μF
1206
100
150 pF
22 μF
1210
100
1.0 nF
47 μF
Y5V
0402
50
10 nF
1.0 μF
0603
50
10 nF
4.7 μF
0805
100
10 nF
10 μF
1206
100
10 nF
22 μF
1210
100
10 nF
100 μF


Similar Part No. - 1210Y152JXQCW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1210Y152JXQCW1MC VISHAY-1210Y152JXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 1210Y152JXQCW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805A101JXACW1BC VISHAY-VJ0805A101JXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 01-Jul-16
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jan-2023
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com