Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985IM5-4.5 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2985IM5-4.5
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-4.5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985IM5-4.5 Datasheet HTML 7Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 8Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 9Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 10Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 11Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 12Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 13Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 14Page - Texas Instruments LP2985IM5-4.5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
APPLICATION HINTS
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP2985-N requires external capacitors for regulator stability. These
capacitors must be correctly selected for good performance.
Input Capacitor
An input capacitor whose capacitance is
≥ 1 µF is required between the LP2985-N input and ground (the amount
of capacitance may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failure due to surge current when connected to a low-
impedance source of power (like a battery or very large capacitor). If a Tantalum capacitor is used at the input, it
must be ensured by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for ESR on the input capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitance will be
≥ 1 µF over the entire operating
temperature range.
Output Capacitor
The LP2985-N is designed specifically to work with ceramic output capacitors, utilizing circuitry which allows the
regulator to be stable across the entire range of output current with an output capacitor whose ESR is as low as
5 m
Ω. It may also be possible to use Tantalum or film capacitors at the output, but these are not as attractive for
reasons of size and cost (see CAPACITOR CHARACTERISTICS).
The output capacitor must meet the requirement for minimum amount of capacitance and also have an ESR
(equivalent series resistance) value which is within the stable range. Curves are provided which show the stable
ESR range as a function of load current (see Figure 36).
Figure 36. ESR Graph
Important: The output capacitor must maintain its ESR within the stable region over the full operating
temperature range of the application to assure stability.
The LP2985-N requires a minimum of 2.2 µF on the output (output capacitor size can be increased without limit).
It is important to remember that capacitor tolerance and variation with temperature must be taken into
consideration when selecting an output capacitor so that the minimum required amount of output capacitance is
provided over the full operating temperature range. It should be noted that ceramic capacitors can exhibit large
changes in capacitance with temperature (see CAPACITOR CHARACTERISTICS). The output capacitor must be
located not more than 1 cm from the output pin and returned to a clean analog ground.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2985-N


Similar Part No. - LP2985IM5-4.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985IM5-4.5/NOPB TI1-LP2985IM5-4.5/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985IM5-4.5/NOPB TI-LP2985IM5-4.5/NOPB Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
LP2985IM5-4.5/NOPB TI-LP2985IM5-4.5/NOPB Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED MAY 2023
LP2985IM5-4.5/NOPB TI1-LP2985IM5-4.5/NOPB Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED JULY 2023
More results

Similar Description - LP2985IM5-4.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2992IM5-5.0-NOPB TI1-LP2992IM5-5.0-NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
[Old version datasheet]   LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com