Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV431ACM5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV431ACM5
Description  Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV431ACM5 Datasheet(HTML) 5 Page - Texas Instruments

  LMV431ACM5 Datasheet HTML 1Page - Texas Instruments LMV431ACM5 Datasheet HTML 2Page - Texas Instruments LMV431ACM5 Datasheet HTML 3Page - Texas Instruments LMV431ACM5 Datasheet HTML 4Page - Texas Instruments LMV431ACM5 Datasheet HTML 5Page - Texas Instruments LMV431ACM5 Datasheet HTML 6Page - Texas Instruments LMV431ACM5 Datasheet HTML 7Page - Texas Instruments LMV431ACM5 Datasheet HTML 8Page - Texas Instruments LMV431ACM5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Where:T2 − T1 = full temperature change.∝VREF can be positive or negative depending
on whether the slope is positive or negative.Example: VDEV = 6.0mV, REF = 1240mV, T2 − T1 = 125°C.
(2)
The dynamic output impedance, rZ, is defined as:
When the device is programmed with two external resistors, R1 and R2, (see
Figure 5 ), the dynamic output impedance of the overall circuit, rZ, is defined as:
LMV431, LMV431A, LMV431B
www.ti.com
SNVS041F – MAY 2004 – REVISED MAY 2005
LMV431I ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
s
VREF
Reference Voltage
VZ = VREF, IZ = 10mA
TA = 25°C
1.222
1.24
1.258
V
(See Figure 4 )
TA = Full Range
1.202
1.278
VDEV
Deviation of Reference Input Voltage Over
VZ = VREF, IZ = 10mA,
6
20
mV
Temperature (1)
TA = Full Range (See Figure 4)
ΔVREF/
Ratio of the Change in Reference Voltage
IZ = 10mA (see Figure 5 )
−1.5
−2.7
mV/
ΔVZ
to the Change in Cathode Voltage
VZ from VREF to 6V
V
R1 = 10k, R2 = ∞ and 2.6k
IREF
Reference Input Current
R1 = 10kΩ, R2 = ∞
0.15
0.5
μA
II = 10mA (see Figure 5)
∝IREF
Deviation of Reference Input Current over
R1 = 10kΩ, R2 = ∞,
0.1
0.4
μA
Temperature
II = 10mA, TA = Full Range (see Figure 5)
IZ(MIN)
Minimum Cathode Current for Regulation
VZ = VREF(see Figure 4)
55
80
µA
IZ(OFF)
Off-State Current
VZ = 6V, VREF = 0V (see Figure 6 )
0.001
0.1
μA
rZ
Dynamic Output Impedance (2)
VZ = VREF, IZ = 0.1mA to 15mA
Frequency = 0Hz (see Figure 4)
0.25
0.4
Ω
(1)
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature
range.See following:
The average temperature coefficient of the reference input voltage,
∝VREF, is defined as:
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV431 LMV431A LMV431B


Similar Part No. - LMV431ACM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431ACM5 NSC-LMV431ACM5 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5 NSC-LMV431ACM5 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
LMV431ACM5X NSC-LMV431ACM5X Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5X NSC-LMV431ACM5X Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
More results

Similar Description - LMV431ACM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com