Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RY-9WFZ-K Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # RY-9WFZ-K
Description  MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

RY-9WFZ-K Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  RY-9WFZ-K Datasheet HTML 1Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 2Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 3Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 4Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 5Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 6Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 7Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 8Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
RY SERIES
n
SPECIFICATIONS
High
500 mW
High
Continuous
Sensitive
Type
Dielectric
2 A Type
(MBB)
Item
Type
Strength
Type
RY-( ) W-K RY-( ) WZ-K RY-( ) WF-K RY-( ) WFZ-K
RY-( ) D-K
Contact
Arrangement
2 form C (DPDT)
2 Form D (2 MBB)
Material
Gold overlay silver-palladium
Gold overlay
Gold overlay
silver-nickel
silver-palladium
Style
Bifurcated (cross bar)
Single
Resistance(initial)
Maximum100mΩ(at1A6VDC)
MaximumCarryingCurrent
1.25A 2A
0.6A
Rating (resistive)
1 A 24 VD
1 A 24 VDC
2 A 30 VDC
0.15 A 48 VDC
0.5 A 120 VAC
0.25 A 120 VAC
0.5 A 125 VAC 0.3 A 120 VAC
MaximumSwitchingPower
60VA/24W
30VA/24W
62.5VA/60W36VA/7.2W
MaximumSwitchingVoltage
120VAC,60VDC
125 VAC, 150 VDC 120 VAC, 60 VDC
MaximumSwitchingCurrent
1A
2A
0.6A
Minimum Switching Load*1
0.01 mA 10 mVDC
0.1 mA 10 mVDC
Capacitance(at10MHz)
Approx.0.9pF(betweenopencontacts)1.4pF(adjacentcontacts)
Approx.1.9pF(betweencoilandcontacts)
Coil
Nominal Power (at 20°C)
150 to 300 mW 500 to 580 mW 450 to 460 mW
500 to 580 mW
450 to 480 mW
Operate Power (at 20°C)
75 to 140 mW 125 to 145 mW 200 to 210 mW
200 to 324 mW
200 to 210 mW
Operating Temperature (No frost)
–30°Cto+90°C–30°Cto+60°C(refer to the CHARACTERISTIC DATA) –30°Cto+70°C
(*+80ºC)
(*2+65ºC)
TimeValue Operate(atnominalvoltage) Maximum6ms
Release(atnominalvoltage) Maximum3ms
Life
Mechanical
2 × 107 ops. min. 1 × 107 operations minimum
1 × 106 ops. min.
Electrical (at contact rating)
2 × 105 ops. min. (0.5 A 120 VAC)
5 × 105 ops. min.
1 × 105 ops. min. 2 × 105 opsmin.
5 × 105 ops. min. ( 1 A 24 VD C) (0.25 A 120 VAC
(2 A 30 VDC)
(0.3 A 120 VAC)
1 A 24 VDC
5 × 105 ops. min.
(0.15 A 48 VDC)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.5 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 4.5 mm)
ShockMisoperation
100m/s2 (11±1 ms)
ResistanceEndurance
1,000m/s2 ( 6±1 ms)
Weight
Approximately5g
*1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactualload
beforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsandex-
pected reliability levels.
*2 48VDC type
Item
Sensitive
500mW
High Isolation
2A
MBB
Isolation (initial)
Minimum1,000MΩ(at500VDC)
Dielectric
Strength
open contact
500VAC 1 min.,
1,000VAC 1 min., 500VAC 1 min.,
coilandcontact/
adjacentcontacts
1,000VAC 1 min.,
Surge Voltage
1500V(coil-contact)(10/160µsstandardwave)
n
INSULATION


Similar Part No. - RY-9WFZ-K

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-0505D RECOM-RY-0505D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RY-0505D RECOM-RY-0505D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505D RECOM-RY-0505D Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505D/P RECOM-RY-0505D/P Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505DCL RECOM-RY-0505DCL Datasheet
75Kb / 1P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RY-9WFZ-K

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com