Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1117IMPX-ADJ/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117IMPX-ADJ/NOPB
Description  800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IMPX-ADJ/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM1117IMPX-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM1117IMPX-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NOT CONNECTED
VOUT
VOUT
VOUT
1
2
3
4
8
7
6
5
ADJ/GND
VIN
VIN
VIN
VOUT
LM1117-N, LM1117I
www.ti.com
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
Figure 6. DDPAK/TO-263 Side View
When using the WSON package
Pins 2, 3 & 4 must be connected together and
Pins 5, 6 & 7 must be connected together
Figure 7. WSON Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Maximum Input Voltage (VIN to GND)
20V
Power Dissipation(3)
Internally Limited
Junction Temperature (TJ)
(3)
150°C
Storage Temperature Range
-65°C to 150°C
TO-220 (T) Package
260°C, 10 sec
Lead Temperature
SOT-223 (IMP) Package
260°C, 4 sec
ESD Tolerance(4)
2000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–TA)/θJA. All numbers apply for packages soldered directly into a PC board.
(4)
For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF.
OPERATING RATINGS
(1)
Input Voltage (VIN to GND)
15V
LM1117-N
0°C to 125°C
Junction Temperature Range (TJ)
(2)
LM1117I
−40°C to 125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1117-N LM1117I


Similar Part No. - LM1117IMPX-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117IMPX-ADJ/NOPB TI1-LM1117IMPX-ADJ/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMPX-ADJ/NOPB TI1-LM1117IMPX-ADJ/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMPX-ADJ/NOPB TI1-LM1117IMPX-ADJ/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMPX-ADJ/NOPB TI1-LM1117IMPX-ADJ/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117IMPX-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com