Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S2N120CNS Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # HGT1S2N120CNS
Description  13A, 1200V, NPT Series N-Channel IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S2N120CNS Datasheet(HTML) 8 Page - Fairchild Semiconductor

  HGT1S2N120CNS Datasheet HTML 1Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 2Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 3Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 4Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 5Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 6Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 7Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 8Page - Fairchild Semiconductor HGT1S2N120CNS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.fairchildsemi.com
HGTP2N120CN, HGT1S2N120CN Rev. C
Handling Precautions for IGBTs
Insulated Gate Bipolar Transistors are susceptible to gate-insu-
lation damage by the electrostatic discharge of energy through
the devices. When handling these devices, care should be exer-
cised to assure that the static charge built in the handler’s body
capacitance is not discharged through the device. With proper
handling and application procedures, however, IGBTs are cur-
rently being extensively used in production by numerous equip-
ment manufacturers in military, industrial and consumer
applications, with virtually no damage problems due to electro-
static discharge. IGBTs can be handled safely if the following
basic precautions are taken:
1. Prior to assembly into a circuit, all leads should be kept
shorted together either by the use of metal shorting springs
or by the insertion into conductive material such as
“ECCOSORBD™ LD26” or equivalent.
2. When devices are removed by hand from their carriers, the
hand being used should be grounded by any suitable means
- for example, with a metallic wristband.
3. Tips of soldering irons should be grounded.
4. Devices should never be inserted into or removed from cir-
cuits with power on.
5. Gate Voltage Rating - Never exceed the gate-voltage rating
of VGEM. Exceeding the rated VGE can result in permanent
damage to the oxide layer in the gate region.
6. Gate Termination - The gates of these devices are essen-
tially capacitors. Circuits that leave the gate open-circuited or
floating should be avoided. These conditions can result in
turn-on of the device due to voltage buildup on the input
capacitor due to leakage currents or pickup.
7. Gate Protection - These devices do not have an internal
monolithic Zener diode from gate to emitter. If gate protection
is required, an external Zener is recommended.
Operating Frequency Information
Operating frequency information for a typical device (Figure 3)
is presented as a guide for estimating device performance for a
specific application. Other typical frequency vs collector current
(ICE) plots are possible using the information shown for a typical
unit in Figures 5, 6, 7, 8, 9 and 11. The operating frequency plot
(Figure 3) of a typical device shows fMAX1 or fMAX2; whichever is
smaller at each point. The information is based on measure-
ments of a typical device and is bounded by the maximum rated
junction temperature.
fMAX1 is defined by fMAX1 = 0.05/(td(OFF)I+ td(ON)I). Deadtime
(the denominator) has been arbitrarily held to 10% of the on-
state time for a 50% duty factor. Other definitions are possible.
td(OFF)I and td(ON)I are defined in Figure 19. Device turn-off
delay can establish an additional frequency limiting condition for
an application other than TJM. td(OFF)I is important when control-
ling output ripple under a lightly loaded condition.
fMAX2 is defined by fMAX2 = (PD - PC)/(EOFF + EON2). The allowable
dissipation (PD) is defined by PD =(TJM -TC)/RθJC. The sum of
device switching and conduction losses must not exceed PD.
A 50% duty factor was used (Figure 3) and the conduction
losses (PC) are approximated by PC =(VCE x ICE)/2.
EON2 and EOFF are defined in the switching waveforms shown
in Figure 19. EON2 is the integral of the instantaneous power
loss (ICE x VCE) during turn-on and EOFF is the integral of the
instantaneous power loss (ICE xVCE) during turn-off. All tail
losses are included in the calculation for EOFF; i.e., the collec-
tor current equals zero (ICE = 0).


Similar Part No. - HGT1S2N120CNS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S2N120CNS INTERSIL-HGT1S2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
More results

Similar Description - HGT1S2N120CNS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com