Electronic Components Datasheet Search |
|
FCN362A008AUF Datasheet(PDF) 5 Page - Lite-On Technology Corporation |
|
FCN362A008AUF Datasheet(HTML) 5 Page - Lite-On Technology Corporation |
5 / 32 page 5 Dimensions are in millimeters (inches) www.fujitsu.takamisawa.com Specifications subject to change s FEATURES • Many applications Various connectors are available for connection by means of soldering, wire wrapping, crimping, PC board mounting, and insulation displacement connection (IDC). The user can choose a plug and jack combination that best meet each application. • Small size for high-density mounting The connectors are small with a contact and terminal pitch of 2.54 mm (0.100 in.) between pins and between rows and are thus well suited for high-density mounting. • Sturdy shell guide Sturdy shell guides are used to prevent mismating and to protect the pins. • Excellent cost performance Streamlined design and automated manufacturing, including use of partial solder plating, provide excellent cost performance. s SPECIFICATIONS s MATERIALS RECTANGULAR CONNECTORS FCN-360 SERIES Item Operating temperature range Current Rating Voltage Rating Contact resistance Insulation resistance Dielectric withstanding voltage Insertion force Withdrawal force Applicable wire Applicable PC board Specification –55 °C to +85°C DC 3 A (IDC type: 1 A) AC 250 V 15 m Ω max. (DC 6 V, 0.3 A) 1000 M Ω min. (DC 500 V) AC 500 V for 1 minute 2.5 kg max. (8 contacts), 20 kg max. (64 contacts) 0.3 kg min. (8 contacts), 2.3 kg min. (64 contacts) φ0.60 mm (0.024 in.) max, AWG #23 or less φ0.32 mm (0.013 in.) to φ0.26 mm (0.010 in.), AWG #28 to #30 Standard contacts φ0.51 mm (0.020 in.) to φ0.32 mm (0.013 in.), AWG #24 to #28, insulator φ1.2 mm (0.047 in.) max. Contacts for thick wires φ0.64 mm (0.025 in.) to φ0.32 mm (0.013 in.), AWG #22 to #28, insulator φ1.7 (0.067 in.) max. Flat cable 1.27 mm (0.050 in.) pitch, AWG #28 (stranded wire), AWG #30 (solid wire) 1.6 mm (0.063 in.) standard thick Soldering Wire-wrapping Crimping IDC Item Insulator Conductor Plating Material Polyester (363J: PC94V-2) Copper alloy Gold plating, silver plating |
Similar Part No. - FCN362A008AUF |
|
Similar Description - FCN362A008AUF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |