Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5105SD-NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5105SD-NOPB
Description  Half Bridge Gate Driver with Programmable Dead-Time
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5105SD-NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5105SD-NOPB Datasheet HTML 1Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 2Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 3Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 4Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 5Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 6Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 7Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 8Page - Texas Instruments LM5105SD-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM5105
www.ti.com
SNVS349C – FEBRUARY 2005 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VDD to VSS
–0.3V to +18V
HB to HS
–0.3V to +18V
IN and EN to VSS
–0.3V to VDD + 0.3V
LO to VSS
–0.3V to VDD + 0.3V
HO to VSS
HS – 0.3V to HB + 0.3V
HS to VSS
(3)
−5V to +100V
HB to VSS
118V
RDT to VSS
–0.3V to 5V
Junction Temperature
+150°C
Storage Temperature Range
–55°C to +150°C
ESD Rating HBM(4)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally
not exceed -1V. However in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur on HS, the HS voltage must never be more negative than VDD - 15V. For example, if VDD
= 10V, the negative transients at HS must not exceed -5V.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. Pin 2, Pin 3 and Pin 4 are rated at
500V.
Recommended Operating Conditions
VDD
+8V to +14V
HS(1)
–1V to 100V
HB
HS + 8V to HS + 14V
HS Slew Rate
<50V/ns
Junction Temperature
–40°C to +125°C
(1)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally
not exceed -1V. However in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur on HS, the HS voltage must never be more negative than VDD - 15V. For example, if VDD
= 10V, the negative transients at HS must not exceed -5V.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5105


Similar Part No. - LM5105SD-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105SD NSC-LM5105SD Datasheet
743Kb / 12P
   100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105SD TI1-LM5105SD Datasheet
1,004Kb / 23P
[Old version datasheet]   100V Half Bridge Gate Driver With Programmable Dead-Time
logo
National Semiconductor ...
LM5105SDX NSC-LM5105SDX Datasheet
743Kb / 12P
   100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105SDX TI1-LM5105SDX Datasheet
1,004Kb / 23P
[Old version datasheet]   100V Half Bridge Gate Driver With Programmable Dead-Time
More results

Similar Description - LM5105SD-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
   100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
[Old version datasheet]   100V Half Bridge Gate Driver With Programmable Dead-Time
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
[Old version datasheet]   LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
LM5106 TI-LM5106_15 Datasheet
989Kb / 26P
[Old version datasheet]   100-V Half-Bridge Gate Driver With Programmable Dead-Time
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
   Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
ADUM4221 AD-ADUM4221_V01 Datasheet
1Mb / 24P
   Isolated, Half Bridge Gate Drivers with Adjustable Dead Time, 4 A Output
Rev. B
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
   Programmable Dead-Time
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com