Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-D18W-K Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # AL-D18W-K
Description  MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

AL-D18W-K Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  AL-D18W-K Datasheet HTML 1Page - Lite-On Technology Corporation AL-D18W-K Datasheet HTML 2Page - Lite-On Technology Corporation AL-D18W-K Datasheet HTML 3Page - Lite-On Technology Corporation AL-D18W-K Datasheet HTML 4Page - Lite-On Technology Corporation AL-D18W-K Datasheet HTML 5Page - Lite-On Technology Corporation AL-D18W-K Datasheet HTML 6Page - Lite-On Technology Corporation AL-D18W-K Datasheet HTML 7Page - Lite-On Technology Corporation AL-D18W-K Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
A SERIES
n
SPECIFICATIONS
Standard Type
Single Winding Latching Type Double Winding Latching Type
Item
A-( ) W-K
AL-( ) W-K
AL-D ( ) W-K
Contact
Arrangement
2formC(DPDT)
Material
Goldoverlaysilveralloy
Resistance (initial)
Maximum 50 mΩ (at 1 A 6 VDC)
Rating(resistive)
0.5A125VACor1A30VDC
MaximumCarryingCurrent
2A
MaximumSwitchingPower
62.5AV/30W
MaximumSwitchingVoltage
125VAC,110VDC
MaximumSwitchingCurrent
2A
MinimumSwitchingLoad*1
0.01mA10mVDC
Capacitance
Approximately 0.5 pF (between open contacts, adjacent contacts)
Approximately1.0pF(betweencoilandcontacts)
Coil
NominalPower(at20°C)
140to300mW100to150mW 200to300mW
OperatePower(at20°C)
80to170W60to85mW
150to170mW
Operating Temperature
–40°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
TimeValue Operate(atnominalvoltage) Maximum6msMaximum6ms(set)
Release(atnominalvoltage) Maximum4msMaximum6ms(reset)
Life
Mechanical
1×108ops.minimum1×107ops.minimum
Electrical
2×105ops.min.(0.5A125VAC),5×105ops.min.(1A30VDC)
Other
VibrationMisoperation
10to55Hz(doubleamplitudeof3.3mm)
ResistanceEndurance
10to55Hz(doubleamplitudeof5.0mm)
ShockMisoperation
500m/s2(11±1ms)
ResistanceEndurance
1,000m/s2(6±1ms)
Weight
Approximately1.2g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
beforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.
Type
Compliance
Contactrating
UL
UL478,UL508
E45026
Flammability:UL94-V0(plastics)
0.5A,125VAC(Generaluse)
2A,30VDC(resistive)
0.3A,110VDC(resistive)
CSA
C22.2No.14
LR35579
n
SAFETY STANDARD AND FILE NUMBERS
Item
Resistance(initial)
Minimum 1,000 MΩ (500VDC)
Dielectric
Strength
opencontacts
1,000VAC1min.
coilandcontacts
adjacent contacts
1,000VAC1min.
SurgeVoltage
1500V(coil-contact)(10/160µsstandardwave)
n
INSULATION


Similar Part No. - AL-D18W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
AL-D18W-K FUJITSU-AL-D18W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - AL-D18W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com