Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010512BP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010512BP
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010512BP Datasheet(HTML) 3 Page - Texas Instruments

  DCP010512BP Datasheet HTML 1Page - Texas Instruments DCP010512BP Datasheet HTML 2Page - Texas Instruments DCP010512BP Datasheet HTML 3Page - Texas Instruments DCP010512BP Datasheet HTML 4Page - Texas Instruments DCP010512BP Datasheet HTML 5Page - Texas Instruments DCP010512BP Datasheet HTML 6Page - Texas Instruments DCP010512BP Datasheet HTML 7Page - Texas Instruments DCP010512BP Datasheet HTML 8Page - Texas Instruments DCP010512BP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DCP01B SERIES
SBVS012E − DECEMBER 2000 − REVISED DECEMBER 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = nominal, CIN = 2.2µF, and COUT = 0.1µF, unless otherwise noted.
DCP01B SERIES
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output
Power
100% full load
0.97
W
Ripple
O/P capacitor = 1
µF, 50% load
20
mVPP
Voltage vs temperature
Room to cold
0.046
%/
°C
Voltage vs temperature
Room to hot
0.016
%/
°C
Input
Voltage range on VS
−10
+10
%
Isolation
Voltage
1s flash test
1
kVrms
Voltage
60s test, UL1950(1)
1
kVrms
Line Regulation
Output voltage
IO = constant(2)
VS (min) to VS (typ)
1
15
%
Output voltage
IO = constant(2)
VS (typ) to VS (max)
1
15
%
Switching/Synchronization
Oscillator frequency (fOSC)
Switcing frequency = fOSC/2
800
kHz
Sync input low
0.4
V
Sync input current
VSYNC = +2V
75
µA
Disable time
2
µs
Capacitance loading on SYNCIN pin
External
3
pF
Reliability
Demonstrated
MSL 3−(U) versions, TA = +55°C
55
FITS
Thermal Shutdown
IC temperature at shutdown
+150
°C
Shutdown current
3
mA
Temperature Range
Operating
−40
+100
°C
(1) During UL1950 recognition tests only.
(2) IOUT ≥ 10% load current.
ELECTRICAL CHARACTERISTICS PER DEVICE
At TA = +25°C, VS = nominal, CIN = 2.2µF, and COUT = 0.1µF, unless otherwise noted.
INPUT VOLTAGE
(V)
OUTPUT VOLTAGE
(V)
LOAD REGULATION
(%)
NO LOAD
CURRENT
(mA)
EFFICIENCY
(%)
BARRIER
CAPACITANCE
(pF)
VS
VNOM AT VS (TYP)
IQ
CISO
75% LOAD(3)
10% TO 100% LOAD(4)
0% LOAD
100% LOAD
VISO =750VRMS
PRODUCT
MIN
TYP
MAX
MIN
TYP
MAX
TYP
MAX
TYP
TYP
TYP
DCP010505B
4.5
5
5.5
4.75
5
5.25
19
31
20
80
3.6
DCP010505DB
4.5
5
5.5
±4.25
±5
±5.75
18
32
22
81
3.8
DCP010507DB
4.5
5
5.5
±5.75
±6.5
±7.25
21
35
38
81
3.0
DCP010512B
4.5
5
5.5
11.4
12
12.6
21
38
29
85
5.1
DCP010512DB
4.5
5
5.5
±11.4
±12
±12.6
19
37
40
82
4.0
DCP010515B
4.5
5
5.5
14.25
15
15.75
26
42
34
82
3.8
DCP010515DB
4.5
5
5.5
±14.25
±15
±15.75
19
41
42
85
4.7
DCP011512DB
13.5
15
16.5
±11.4
±12
±12.6
11
39
19
78
2.5
DCP011515DB
13.5
15
16.5
±14.25
±15
±15.75
12
39
20
80
2.5
DCP012405B
21.6
24
26.4
4.75
5
5.25
13
23
14
77
2.5
DCP012415DB
21.6
24
26.4
±14.25
±15
±15.75
10
35
17
76
3.8
(3) 100% load current = 1W/VNOM (typ).
(4) Load regulation = (VOUT at 10% load − VOUT at 100% load)/VOUT at 75% load.


Similar Part No. - DCP010512BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010512BP BURR-BROWN-DCP010512BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512BP BURR-BROWN-DCP010512BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512BP BURR-BROWN-DCP010512BP Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010512BP TI-DCP010512BP Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512BP TI1-DCP010512BP Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010512BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com