Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-6W-K Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # AL-6W-K
Description  MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

AL-6W-K Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  AL-6W-K Datasheet HTML 1Page - Lite-On Technology Corporation AL-6W-K Datasheet HTML 2Page - Lite-On Technology Corporation AL-6W-K Datasheet HTML 3Page - Lite-On Technology Corporation AL-6W-K Datasheet HTML 4Page - Lite-On Technology Corporation AL-6W-K Datasheet HTML 5Page - Lite-On Technology Corporation AL-6W-K Datasheet HTML 6Page - Lite-On Technology Corporation AL-6W-K Datasheet HTML 7Page - Lite-On Technology Corporation AL-6W-K Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
A SERIES
Japan
Fujitsu Component Limited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo141,Japan
Tel:(81-3)5449-7010
Fax:(81-3)5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250E.CaribbeanDrive
Sunnyvale,CA94089U.S.A.
Tel:(1-408)745-4900
Fax:(1-408)745-4970
Email: components@us.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan25
2132WVHoofddorp
Netherlands
Tel:(31-23)5560910
Fax:(31-23)5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01CitilinkWarehouseComplex
Singapore118529
Tel:(65)6375-8560
Fax:(65)6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2008 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev.January9,2008.


Similar Part No. - AL-6W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
AL-6W-K FUJITSU-AL-6W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - AL-6W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com