Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S7N60A4S9A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HGT1S7N60A4S9A
Description  600V, SMPS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S7N60A4S9A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HGT1S7N60A4S9A Datasheet HTML 1Page - Fairchild Semiconductor HGT1S7N60A4S9A Datasheet HTML 2Page - Fairchild Semiconductor HGT1S7N60A4S9A Datasheet HTML 3Page - Fairchild Semiconductor HGT1S7N60A4S9A Datasheet HTML 4Page - Fairchild Semiconductor HGT1S7N60A4S9A Datasheet HTML 5Page - Fairchild Semiconductor HGT1S7N60A4S9A Datasheet HTML 6Page - Fairchild Semiconductor HGT1S7N60A4S9A Datasheet HTML 7Page - Fairchild Semiconductor HGT1S7N60A4S9A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4 Rev. B1
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
FIGURE 15. TOTAL SWITCHING LOSS vs CASE
TEMPERATURE
FIGURE 16. TOTAL SWITCHING LOSS vs GATE RESISTANCE
Typical Performance Curves Unless Otherwise Specified (Continued)
100
60
80
ICE, COLLECTOR TO EMITTER CURRENT (A)
180
140
160
120
VGE = 15V, TJ = 125
oC
RG = 25Ω, L = 1mH, VCE = 390V
4
26
8
10
12
14
0
VGE = 12V, TJ = 125
oC
VGE = 15V, TJ = 25
oC
VGE = 12V, TJ = 25
oC
ICE, COLLECTOR TO EMITTER CURRENT (A)
20
40
30
60
80
50
70
RG = 25Ω, L = 1mH, VCE = 390V
90
TJ = 125
oC, V
GE = 12V OR 15V
TJ = 25
oC, V
GE = 12V OR 15V
4
2
6
8
101214
0
0
40
60
8
9
11
12
15
VGE, GATE TO EMITTER VOLTAGE (V)
14
80
100
120
7
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
TJ = 125
oC
TJ = -55
oC
TJ = 25
oC
20
13
10
QG, GATE CHARGE (nC)
0
3
IG(REF) = 1mA, RL = 43Ω, TJ = 25
oC
VCE = 200V
VCE = 400V
6
9
12
15
510
15
20
30
25
35
40
0
VCE = 600V
ICE = 3.5A
0
200
50
75
100
TC, CASE TEMPERATURE (
oC)
400
125
25
150
800
RG = 25Ω, L = 1mH, VCE = 390V, VGE = 15V
600
ICE = 14A
ICE = 7A
ETOTAL = EON2 + EOFF
0.1
100
RG, GATE RESISTANCE (Ω)
1
10
1000
10
TJ = 125
oC, L = 1mH, V
CE = 390V, VGE = 15V
ETOTAL = EON2 + EOFF
ICE = 3.5A
ICE = 7A
ICE = 14A
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4


Similar Part No. - HGT1S7N60A4S9A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results

Similar Description - HGT1S7N60A4S9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com