Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S3N60A4DS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGT1S3N60A4DS
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S3N60A4DS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGT1S3N60A4DS Datasheet HTML 1Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 2Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 3Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 4Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 5Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 6Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 7Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 8Page - Fairchild Semiconductor HGT1S3N60A4DS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
HGT1S3N60A4DS, HGTP3N60A4D Rev. B
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
1
ICE, COLLECTOR TO EMITTER CURRENT (A)
50
300
6
23
600
100
5
4
200
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 1.8
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
TJ = 125
oC, R
G = 50Ω, L = 1mH, VCE = 390V
TC
VGE
15V
75oC
VGE, GATE TO EMITTER VOLTAGE (V)
10
11
12
15
4
6
14
0
24
40
56
18
13
14
8
10
12
16
8
16
32
48
20
64
VCE = 390V, RG = 50Ω, TJ = 125
oC
tSC
ISC
02
3
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
4
8
45
16
12
20
1
TJ = 25
oC
TJ = 125
oC
TJ = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 12V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
4
8
16
12
20
02
3
4
1
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
TJ = 25
oC
TJ = 150
oC
TJ = 125
oC
160
80
ICE, COLLECTOR TO EMITTER CURRENT (A)
120
40
200
3
24
5
6
0
1
240
TJ = 25
oC, V
GE = 12V, VGE = 15V
TJ = 125
oC, V
GE = 12V, VGE = 15V
RG = 50Ω, L = 1mH, VCE = 390V
120
0
20
80
40
100
140
60
3
24
5
6
1
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 125
oC, V
GE = 12V OR 15V
RG = 50Ω, L = 1mH, VCE = 390V
HGT1S3N60A4DS, HGTP3N60A4D


Similar Part No. - HGT1S3N60A4DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGT1S3N60A4DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com