Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM21NNR56K10 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # LQM21NNR56K10
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM21NNR56K10 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button LQM21NNR56K10 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LQM21NNR56K10 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
9
DESIGN ENGINEERING KITS
GENERAL CERAMIC CHIP CAPACITORS
0603 (6.3 to 50 VDC)
No.
Description
Murata Global P/N
Qty.
1
0603/C0G/10pF/50V
GRM1885C1H100JA01
20
2
0603/C0G/12pF/50V
GRM1885C1H120JA01
20
3
0603/C0G/15pF/50V
GRM1885C1H150JA01
20
4
0603/C0G/18pF/50V
GRM1885C1H180JA01
20
5
0603/C0G/22pF/50V
GRM1885C1H220JA01
20
6
0603/C0G/27pF/50V
GRM1885C1H270JA01
20
7
0603/C0G/33pF/50V
GRM1885C1H330JA01
20
8
0603/C0G/39pF/50V
GRM1885C1H390JA01
20
9
0603/C0G/47pF/50V
GRM1885C1H470JA01
20
10
0603/C0G/56pF/50V
GRM1885C1H560JA01
20
11
0603/C0G/68pF/50V
GRM1885C1H680JA01
20
12
0603/C0G/82pF/50V
GRM1885C1H820JA01
20
13
0603/C0G/100pF/50V
GRM1885C1H101JA01
20
14
0603/C0G/120pF/50V
GRM1885C1H121JA01
20
15
0603/C0G/150pF/50V
GRM1885C1H151JA01
20
16
0603/C0G/180pF/50V
GRM1885C1H181JA01
20
17
0603/C0G/220pF/50V
GRM1885C1H221JA01
20
18
0603/C0G/270pF/50V
GRM1885C1H271JA01
20
19
0603/C0G/330pF/50V
GRM1885C1H331JA01
20
20
0603/C0G/390pF/50V
GRM1885C1H391JA01
20
21
0603/C0G/470pF/50V
GRM1885C1H471JA01
20
22
0603/C0G/560pF/50V
GRM1885C1H561JA01
20
23
0603/C0G/680pF/50V
GRM1885C1H681JA01
20
24
0603/C0G/820pF/50V
GRM1885C1H821JA01
20
25
0603/C0G/1000pF/50V
GRM1885C1H102JA01
20
26
0603/C0G/1200pF/50V
GRM1885C1H122JA01
20
27
0603/C0G/1500pF/50V
GRM1885C1H152JA01
20
28
0603/C0G/1800pF/50V
GRM1885C1H182JA01
20
29
0603/C0G/2200pF/50V
GRM1885C1H222JA01
20
30
0603/C0G/2700pF/50V
GRM1885C1H272JA01
20
31
0603/X7R/1000pF/50V
GRM188R71H102KA01
20
32
0603/X7R/2200pF/50V
GRM188R71H222KA01
20
33
0603/X7R/4700pF/50V
GRM188R71H472KA01
20
34
0603/X7R/10000pF/50V
GRM188R71H103KA01
20
35
0603/X7R/22000pF/50V
GRM188R71H223KA01
20
36
0603/X7R/47000pF/50V
GRM188R71H473KA61
20
37
0603/X7R/0.1uF/50V
GRM188R71H104KA93
20
38
0603/X7R/0.22uF/25V
GRM188R71E224KA88
20
39
0603/X7R/0.47uF/16V
GRM188R71C474KA88
20
40
0603/X5R/1uF/16V
GRM188R61C105KA93
20
41
0603/X5R/1uF/10V
GRM188R61A105KA61
20
42
0603/X5R/2.2uF/10V
GRM188R61A225KE34
20
43
0603/X5R/4.7uF/6.3V
GRM188R60J475KE19
20
44
0603/X5R/10uF/6.3V
GRM188R60J106ME47
20
GRM18-KIT– – – – – – – – E
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.
I
Miniature chip size, 0603 (L:1.6 x W:0.8 x T:0.8mm).
I
The GRM188 series is a complete line of chip ceramic
capacitor in 6.3V, 10V, 16V, 25V and 50V.
I
Temperature characteristics: C0G, U2J, X7R, X6S, X5R, Y5V
I
No Polarity
I
Nickel barrier with Tin layer termination.
I
Suitable for reflow soldering.
I
Stringent dimensional tolerances allow highly reliable, high
speed automatic chip placement on PCBs.
I
Tape and reel packaging (10,000pcs/reel) and Bulk case
packaging (50,000pcs/case) are available.


Similar Part No. - LQM21NNR56K10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21NNR56K10 MURATA-LQM21NNR56K10 Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NNR56K10D MURATA-LQM21NNR56K10D Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NNR56K10J MURATA-LQM21NNR56K10J Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NNR56K10J MURATA-LQM21NNR56K10J Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NNR56K10K MURATA-LQM21NNR56K10K Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
More results

Similar Description - LQM21NNR56K10

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com