Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805G101JXQCW1BC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 0805G101JXQCW1BC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0805G101JXQCW1BC Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 0805G101JXQCW1BC Datasheet HTML 2Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 3Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 4Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 5Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 6Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 7Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 8Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 9Page - Vishay Siliconix 0805G101JXQCW1BC Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
6
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
102
1.0 nF
NNNN
S
S
S
S
S
B
B
B
B
B
B
B
B
B
B
122
1.2 nF
XXXX
B
B
B
B
B
B
B
B
B
B
152
1.5 nF
XXXX
B
B
B
B
B
B
B
B
B
B
182
1.8 nF
XXXX
B
B
B
B
B
B
B
B
B
B
222
2.2 nF
XXXX
B
B
B
B
B
B
B
B
B
B
272
2.7 nF
XXXX
D
D
D
D
D
B
B
B
B
B
332
3.3 nF
XXXX
D
D
D
D
D
B
B
B
B
B
392
3.9 nF
D
D
D
D
D
B
B
B
B
B
472
4.7 nF
D
D
D
D
D
B
B
B
B
B
562
5.6 nF
D
D
D
D
B
B
B
B
B
682
6.8 nF
D
D
D
D
C
C
C
C
C
822
8.2 nF
D
D
D
D
D
D
D
D
D
103
10 nF
D
D
D
D
D
D
D
D
D
123
12 nF
D (1)
D (1)
D (1) D (1)
153
15 nF
D (1) D (1)
183
18 nF
D (1) D (1)
223
22 nF
D (1) D (1)
273
27 nF
D (1) D (1)
333
33 nF
D (1) D (1)
393
39 nF
G (1) G (1)
473
47 nF
563
56 nF
683
68 nF
823
82 nF
104
100 nF
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ0402
VJ0603
VJ0805
VJ1206
SIZE CODE
0402
0603
0805
1206
VOLTAGE (VDC)
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
VOLTAGE CODE
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
CAP. CODE
CAP.
Notes
• Letters indicate product thickness, see packaging quantities
(1) Indicate product with Ag/Ni/Sn termination


Similar Part No. - 0805G101JXQCW1BC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805G100JA11A AVX-0805G100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805G100JA13A AVX-0805G100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805G100JA19A AVX-0805G100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805G100JAT1A AVX-0805G100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805G100JAT3A AVX-0805G100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 0805G101JXQCW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805A101JXACW1BC VISHAY-VJ0805A101JXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 01-Jul-16
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jan-2023
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com