Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V9MLN41206WH Datasheet(PDF) 6 Page - Littelfuse

Part # V9MLN41206WH
Description  Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V9MLN41206WH Datasheet(HTML) 6 Page - Littelfuse

  V9MLN41206WH Datasheet HTML 1Page - Littelfuse V9MLN41206WH Datasheet HTML 2Page - Littelfuse V9MLN41206WH Datasheet HTML 3Page - Littelfuse V9MLN41206WH Datasheet HTML 4Page - Littelfuse V9MLN41206WH Datasheet HTML 5Page - Littelfuse V9MLN41206WH Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 10, 2010
MLN SurgeArray™ Suppressor
Surface Mount Multilayer Varistors (MLVs) > MLN Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/MLN.html for current information.
K0
t1
t2
D0
P0
D1
P1
A0
P2
B0
F
E
W
PLASTIC CARRIER TAPE
EMBOSSMENT
TOP TAPE
8mm
NOMINAL
PRODUCT
IDENTIFYING
LABEL
178mm
OR 330mm
DIA. REEL
Tape and Reel Specifications
Symbol
Description
Dimensions in Millimeters
A
0
Width of Cavity
Dependent on Chip Size to Minimize Rotation.
B
0
Length of Cavity
Dependent on Chip Size to Minimize Rotation.
K
0
Depth of Cavity
Dependent on Chip Size to Minimize Rotation.
W
Width of Tape
8 -/+0.2
F
Distance Between Drive Hole Centers and Cavity Centers
3.5 -/+0.5
E
Distance Between Drive Hole Centers and Tape Edge
1.75 -/+0.1
P
1
Distance Between Cavity Center
4 -/+0.1
P
2
Axial Distance Between Drive Hole Centers and Cavity Centers
2 -/+0.1
P
0
Axial Distance Between Drive Hole Centers
4 -/+0.1
D
0
Drive Hole Diameter
1.55 -/+0.05
D
1
Diameter of Cavity Piercing
1.05 -/+0.05
T
1
Embossed Tape Thickness
0.3 Max
T
2
Top Tape Thickness
0.1 Max
Notes :
• Conforms to EIA-481-1, Revision A
• Can be supplied to IEC publication 286-3


Similar Part No. - V9MLN41206WH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
170Kb / 7P
   Multiline Transient Voltage Surge Suppressor
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
1Mb / 7P
   MLN SurgeArray??Suppressor
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
587Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) > MLN Series
More results

Similar Description - V9MLN41206WH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLN41206 LITTELFUSE-V5.5MLN41206 Datasheet
587Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) > MLN Series
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V14MLA0603NR LITTELFUSE-V14MLA0603NR Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com