Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206A152BXQCW1MC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1206A152BXQCW1MC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1206A152BXQCW1MC Datasheet(HTML) 4 Page - Vishay Siliconix

  1206A152BXQCW1MC Datasheet HTML 1Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 2Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 3Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 4Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 5Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 6Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 7Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 8Page - Vishay Siliconix 1206A152BXQCW1MC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
4
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
SIZE CODE
THICKNESS SYMBOL
L
W
T
MB
0402 (1005)
N
0.040 ± 0.002
(1.00 ± 0.05)
0.020 ± 0.002
(0.50 ± 0.05)
0.020 ± 0.002
(0.50 ± 0.05)
0.010 + 0.002/- 0.004
(0.25 + 0.05/- 0.10)
E
0.040 ± 0.008
(1.00 ± 0.20)
0.020 ± 0.008
(0.50 ± 0.20)
0.020 ± 0.008
(0.50 ± 0.20)
0603 (1608)
S
0.063 ± 0.004
(1.60 ± 0.10)
0.030 ± 0.004
(0.80 ± 0.10)
0.030 ± 0.0028
(0.80 ± 0.07)
0.016 ± 0.006
(0.40 ± 0.15)
X
0.063 + 0.006/- 0.004
(1.60 + 0.15/- 0.10)
0.030 + 0.006/- 0.004
(0.80
0.15/- 0.10)
0.030 + 0.006/- 0.004
(0.80 + 0.15/- 0.10)
X'
0.063 ± 0.008
(1.60 ± 0.20)
0.030 ± 0.008
(0.80 ± 0.20)
0.030 ± 0.008
(0.80 ± 0.20)
0805 (2012)
A
0.080 ± 0.006
(2.00 ± 0.15)
0.050 ± 0.004
(1.25 ± 0.10)
0.024 ± 0.004
(0.60 ± 0.10)
0.020 ± 0.008
(0.50 ± 0.20)
B
0.030 ± 0.004
(0.80 ± 0.10)
D
0.049 ± 0.004
(1.25 ± 0.10)
I
0.080 ± 0.008
(2.00 ± 0.20)
0.050 ± 0.008
(1.25 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
1206 (3216)
B
0.126 ± 0.006
(3.20 ± 0.15)
0.063 ± 0.006
(1.60 ± 0.15)
0.030 ± 0.004
(0.80 ± 0.10)
0.024 ± 0.008
(0.60 ± 0.20)
C
0.037 ± 0.004
(0.95 ± 0.10)
D
0.049 ± 0.004
(1.25 ± 0.10)
J
0.126 ± 0.008
(3.20 ± 0.20)
0.045 ± 0.006
(1.15 ± 0.15)
G
0.063 ± 0.008
(1.60 ± 0.20)
0.063 ± 0.008
(1.60 ± 0.20)
P
0.126 + 0.012/- 0.004
(3.20 + 0.30/- 0.10)
0.063 + 0.012/- 0.004
(1.60 + 0.30/- 0.10)
0.063 + 0.012/- 0.004
(1.60 + 0.30/- 0.10)
1210 (3225)
C
0.126 ± 0.012
(3.20 ± 0.30)
0.098 ± 0.008
(2.50 ± 0.20)
0.037 ± 0.004
(0.95 ± 0.10)
0.060 ± 0.010
(0.75 ± 0.25)
D
0.049 ± 0.004
(1.25 ± 0.10)
G
0.126 ± 0.016
(3.20 ± 0.40)
0.098 ± 0.012
(2.50 ± 0.30)
0.063 ± 0.008
(1.60 ± 0.20)
K
0.078 ± 0.008
(2.00 ± 0.20)
M
0.098 ± 0.012
(2.50 ± 0.30)
T
L
MB
MB
W


Similar Part No. - 1206A152BXQCW1MC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206A100JA11A AVX-1206A100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206A100JA13A AVX-1206A100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206A100JA19A AVX-1206A100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206A100JAT1A AVX-1206A100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206A100JAT3A AVX-1206A100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1206A152BXQCW1MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 01-Jul-16
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXJTW1BC VISHAY-VJ0805Y105KXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jan-2023
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com