Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603Y152BXJPW1BC Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 0603Y152BXJPW1BC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0603Y152BXJPW1BC Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 0603Y152BXJPW1BC Datasheet HTML 5Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 6Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 7Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 8Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 9Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 10Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 11Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 12Page - Vishay Siliconix 0603Y152BXJPW1BC Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
9
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Letters indicate product thickness, see packaging quantities
(1) Not in 5 % (code “J”) tolerance
(2) Only in 20 % (code “M”) tolerance
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ1206
VJ1210
SIZE CODE
1206
1210
VOLTAGE (VDC)
10 V
16 V
25 V
50 V
100 V
10 V
16 V
25 V
50 V
100 V
VOLTAGE CODE
Q
J
X
A
B
Q
J
X
A
B
CAP. CODE
CAP.
101
100 pF
121
120 pF
151
150 pF
B (1)
B (1)
B (1)
B (1)
B (1)
181
180 pF
B (1)
B (1)
B (1)
B (1)
B (1)
221
220 pF
B (1)
B (1)
B (1)
B (1)
B (1)
271
270 pF
B (1)
B (1)
B (1)
B (1)
B (1)
331
330 pF
B (1)
B (1)
B (1)
B (1)
B (1)
391
390 pF
B (1)
B (1)
B (1)
B (1)
B (1)
471
470 pF
B
B
B
B
B
561
560 pF
B
B
B
B
B
681
680 pF
B
B
B
B
B
821
820 pF
B
B
B
B
B
102
1.0 nF
B
B
B
B
B
C
C
C
C
C
122
1.2 nF
B
B
B
B
B
C
C
C
C
C
152
1.5 nF
B
B
B
B
B
C
C
C
C
C
182
1.8 nF
B
B
B
B
B
C
C
C
C
C
222
2.2 nF
B
B
B
B
B
C
C
C
C
C
272
2.7 nF
B
B
B
B
B
C
C
C
C
C
332
3.3 nF
B
B
B
B
B
C
C
C
C
C
392
3.9 nF
B
B
B
B
B
C
C
C
C
C
472
4.7 nF
B
B
B
B
B
C
C
C
C
C
562
5.6 nF
B
B
B
B
B
C
C
C
C
C
682
6.8 nF
B
B
B
B
B
C
C
C
C
C
822
8.2 nF
B
B
B
B
B
C
C
C
C
C
103
10 nF
B
B
B
B
B
C
C
C
C
C
123
12 nF
B
B
B
B
B
C
C
C
C
C
153
15 nF
B
B
B
B
B
C
C
C
C
C
183
18 nF
B
B
B
B
B
C
C
C
C
C
223
22 nF
B
B
B
B
B
C
C
C
C
C
273
27 nF
B
B
B
B
B
C
C
C
C
C
333
33 nF
B
B
B
B
B
C
C
C
C
C
393
39 nF
B
B
B
B
B
C
C
C
C
C
473
47 nF
B
B
B
B
B
C
C
C
C
C
563
56 nF
B
B
B
B
B
C
C
C
C
C
683
68 nF
B
B
B
B
B
C
C
C
C
C
823
82 nF
B
B
B
B
D
C
C
C
C
C
104
100 nF
B
B
B
B
D
C
C
C
C
C
124
120 nF
B
B
B
B
D
C
C
C
C
C
154
150 nF
C
C
C
C
G
C
C
C
C
D
184
180 nF
C
C
C
C
G
C
C
C
C
D
224
220 nF
C
C
C
C
G
C
C
C
C
D
274
270 nF
C
C
C
D
G
C
C
C
C
G
334
330 nF
C
C
C
D
G
C
C
C
D
G
394
390 nF
C
C
J
P
G
C
C
C
D
M
474
470 nF
J
J
J
P
G
C
C
C
D
M
564
560 nF
J
J
J
P
P
D
D
D
D
M
684
680 nF
J
J
J
P
P
D
D
D
D
K
824
820 nF
J
J
J
P
P
D
D
D
D
K
105
1.0 μF
J
J
J
P
P
D
D
D
D
K
155
1.5 μF
J
J
P
M
225
2.2 μF
J
J
P
P (1)
KG
M
335
3.3 μF
P
P
P
G (1)
475
4.7 μF
P
P
P
P (1)
KK
K (1)
M (1)
685
6.8 μF
106
10 μF
P
P (1)
P (1)
KK
K (1)
M (1)
156
15 μF
226
22 μF
P (1)
M (2)
M (2)
336
33 μF
476
47 μF
M (1)
686
68 μF
107
100 μF


Similar Part No. - 0603Y152BXJPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0603Y152BXQCW1MC VISHAY-0603Y152BXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0603Y152BXJPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805A101JXACW1BC VISHAY-VJ0805A101JXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 01-Jul-16
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jan-2023
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com