Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402Y102CFQMT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 0402Y102CFQMT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0402Y102CFQMT Datasheet(HTML) 5 Page - Vishay Siliconix

  0402Y102CFQMT Datasheet HTML 1Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 2Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 3Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 4Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 5Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 6Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 7Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 8Page - Vishay Siliconix 0402Y102CFQMT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
5
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Paper tape • Plastic tape
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ0402
VJ0603
VJ0805
VJ1206 (1)
VJ1210 (1)
CASE CODE
0402
0603
0805
1206
1210
VOLTAGE (VDC)
25
50
100
50
100 200
50
100
200
500
50
100
200
500
630
50
100
200
500
630
VOLTAGE CODE
X
A
B
A
B
C
A
B
C
E
A
B
C
E
L
A
B
C
E
L
CAP. CODE
CAP.
1R0
1.0 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
1R2
1.2 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
1R5
1.5 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
1R8
1.8 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
2R2
2.2 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
2R7
2.7 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
3R3
3.3 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
3R9
3.9 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
4R7
4.7 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
5R6
5.6 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
6R8
6.8 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
8R2
8.2 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
100
10 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
120
12 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
150
15 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
180
18 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
220
22 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
270
27 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
330
33 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
390
39 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
470
47 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
560
56 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
680
68 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
820
82 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
101
100 pF
••
••
••
••
••
••
••
••
••
••
121
120 pF
••
••
••
••
••
••
••
••
••
••
151
150 pF
••
••
••
••
••
••
••
••
••
181
180 pF
••
••
••
••
••
••
••
••
221
220 pF
••
••
••
••
••
••
••
271
270 pF
••
••
••
••
••
331
330 pF
••
••
••
••
••
391
390 pF
••
••
••
••
••
471
470 pF
••
••
••
561
560 pF
••
••
••
681
680 pF
••
••
••
821
820 pF
••
••
••
102
1.0 nF
••
••
••
122
1.2 nF
••
152
1.5 nF
••
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
123
12 nF
153
15 nF
183
18 nF
223
22 nF
273
27 nF
333
33 nF
393
39 nF
473
47 nF
563
56 nF


Similar Part No. - 0402Y102CFQMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0402Y102CXQCW1MC VISHAY-0402Y102CXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0402Y102CFQMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com