Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM1885C2A270JA16D Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GCM1885C2A270JA16D
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM1885C2A270JA16D Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GCM1885C2A270JA16D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM1885C2A270JA16D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
Please check the MURATA home page (http://www.murata.com/) if you cannot find a part number in this catalog.
o Part Numbering
(Part Number)
w
qProduct ID
wSeries
Chip Monolithic Ceramic Capacitors for Automotive
GC
KC
3
D
E
G
J
M
3
M
High effective capacitance &
High allowable ripple current
Specially designed product to reduce shorts
Specially designed product to reduce shorts &
resin electrode product
Conductivity adhesive compatible type
Resin external electrode product
For automotive
Metal terminal type/High effective capacitance &
High allowable ripple current
Metal terminal type
Product ID
Code
Series
GC
q
M
e
18
r
8
t
R7
y
1H
u
102
i
K
o
A37
eChip Dimension (LgW)
!0
D
Code
0.6
g0.3mm
1.0
g0.5mm
1.6
g0.8mm
2.0
g1.25mm
3.2
g1.6mm
3.2
g2.5mm
4.5
g3.2mm
5.7
g5.0mm
Dimension (L
gW)
0201
0402
0603
0805
1206
1210
1812
2220
EIA
03
15
18
21
31
32
43
55
B
C
D
E
M
N
Q
R
X
1.25mm
1.6mm
2.0mm
2.5mm
1.15mm
1.35mm
1.5mm
1.8mm
Depends on individual standards.
A
1.0mm
rHeight Dimension (T) (Except KCp)
Code
3
5
6
8
9
0.3mm
0.5mm
0.6mm
0.8mm
0.85mm
Dimension (T)
rHeight Dimension (T) (KCp Only)
Code
L
Q
T
W
2.8mm
3.7mm
4.8mm
6.4mm
Dimension (T)
tTemperature Characteristics
Code
Temperature
Characteristic Codes
Public
STD Code
Reference
Temperature
Temperature Characteristics
Capacitance Change Each Temperature (%)
Capacitance Change
or Temperature
Coefficient
Operating
Temperature
Range
–55°C
Max.
–25°C
–10°C
Temperature
Range
Min.
Max.
Min.
Max.
Min.
CHA
CG
CH
CJ
CK
C0G
X8G
U2J
X7S
X7T
X8L
R
*1
X7R
X8R
*2
JIS
JIS
JIS
JIS
EIA
*2
EIA
EIA
EIA
*2
JIS
EIA
EIA
20°C
20°C
20°C
20°C
20°C
25°C
25°C
25°C
25°C
25°C
25°C
20°C
25°C
25°C
0C
1C
2C
3C
4C
5C
5G
7U
C7
D7
L8
R1
R7
R9
20 to 150°C
20 to 125°C
20 to 125°C
20 to 125°C
20 to 125°C
25 to 125°C
25 to 150°C
25 to 125°C *3
–55 to 125°C
–55 to 125°C
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0±60ppm/°C
0±30ppm/°C
0±60ppm/°C
0±120ppm/°C
0±250ppm/°C
0±30ppm/°C
0±30ppm/°C
–750±120ppm/°C
±22%
+22%, –33%
+15%, –40%
±15%
±15%
±15%
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0.82
0.54
0.82
1.37
2.56
0.58
0.58
8.78
-
-
-
-
-
-
–0.45
–0.23
–0.45
–0.9
–1.88
–0.24
–0.24
5.04
-
-
-
-
-
-
0.49
0.33
0.49
0.82
1.54
0.4
0.4
6.04
-
-
-
-
-
-
–0.27
–0.14
–0.27
–0.54
–1.13
–0.17
–0.17
3.47
-
-
-
-
-
-
0.33
0.22
0.33
0.55
1.02
0.25
0.25
3.84
-
-
-
-
-
-
–0.18
–0.09
–0.18
–0.36
–0.75
–0.11
–0.11
2.21
-
-
-
-
-
-
*1 Capacitance change is specified with 50% rated voltage applied.
*2 Murata Temperature Characteristic Code.
*3 Rated Voltage 100Vdc max: 25 to 85°C
Continued on the following page.


Similar Part No. - GCM1885C2A270JA16D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM1885C2A270JA16 MURATA-GCM1885C2A270JA16 Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GCM1885C2A270JA16 MURATA1-GCM1885C2A270JA16 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCM1885C2A270JA16D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com