Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSN6NZ81H103B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DSN6NZ81H103B
Description  Lead EMIFILr Capacitor Type for General Small Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSN6NZ81H103B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DSN6NZ81H103B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSN6NZ81H103B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSN6NZ81H103B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
3
o This data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
2006.11.2
Noise Suppression Products/EMI Suppression Filters > Lead EMIFILr Capacitor Type > for General Small Type
Part Number
Capacitance
Rated Current
Rated Voltage
Operating
Temperature Range
DSS6NF31C223p
22000pF+80%-20%
6A
16Vdc
-25
°C to +85°C
GND
No polarity.
Minimum Quantity
Lead Type/Packaging
Minimum Order Quantity (order in sets only) (Pcs.)
DS 6 Series
Part Number
Ammo Pack
Bulk (Bag)
2000
250 Q55/T51
500 Q54/Q56/T41
ø320mm
Paper reel
Q55B
Q50B
Q52B
Q54B
Q56B
T41B
T51B
Q91J
Q92J
Q93J
Q91A
Q92A
Q93A
U21A
U31A
All series
All series except
DSS9N/H
DSS6N
DST9N/H
DST9N
DSS9N/H
DSp6, DSN9N/H
DSN6/9, DSS6/9
DSS6N
25.0 min.
4.0
±0.5
6.0
±1.0
4.0
±0.5
6.0
±1.0
4.0
±0.5
25.0 min.
20.0
±1.0
16.5
±1.0
18.5
±1.0
20.0
±1.0
16.5
±1.0
18.5
±1.0
16.5
±1.0
18.5
±1.0
Code
Lead Length* (in mm)
Bulk
Paper Reel (ø320mm)
Ammo Pack
Packaging
Straight
Incrimp
Straight
Incrimp
Lead Type
Series
*Lead Distance between Reference and Bottom Planes except Bulk.
GND
No polarity.
I Equivalent circuit
I Packaging
I !Caution (Rating)
Do not use products beyond the rated current and
rated voltage as this may create excessive heat
and deteriorate the insulation resistance.
I Equivalent circuit
DSS6 Series
DSN6 Series


Similar Part No. - DSN6NZ81H103B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSN6NZ81H103 MURATA-DSN6NZ81H103 Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSN6NZ81H103 MURATA-DSN6NZ81H103 Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSN6NZ81H103 MURATA-DSN6NZ81H103 Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSN6NZ81H103p MURATA-DSN6NZ81H103p Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
logo
Murata Manufacturing Co...
DSN6NZ81H103Q54 MURATA1-DSN6NZ81H103Q54 Datasheet
276Kb / 3P
   DS_6 is a compact, high performance lead type EMI
08/08/2022
More results

Similar Description - DSN6NZ81H103B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
NFM18PC105R0J3D MURATA-NFM18PC105R0J3D Datasheet
104Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC225B0J3D MURATA-NFM18PC225B0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM21PC MURATA-NFM21PC Datasheet
100Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM31PC276B0J3L MURATA-NFM31PC276B0J3L Datasheet
54Kb / 1P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC474R0J3D MURATA-NFM18PC474R0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com