Electronic Components Datasheet Search |
|
DLP31SN551ML2 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
DLP31SN551ML2 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 153 Part Numbering (Part Number) PL p CommonModeChokeCoils eApplications qProduct ID PL Common Mode Choke Coils Product ID wType T DC Type Code Type 10H for DC Line High-frequency Type Code Applications tImpedance H for Automotive Code Features oPackaging B L K PLT10H PLT10H PLT10H Bulk Embossed Taping (ø178mm/ø180mm Reel) Embossed Taping (ø330mm Reel) Code Packaging Series N No Lead Terminal (SMD) Aligned Winding Type Code Lead Dimensions iLead Dimensions rFeatures yRated Current Expressed by three figures. The unit is ampere (A). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. A decimal point is expressed by the capital letter "R". In this case, all figures are significant digits. Expressed by three figures. The unit is ohm ( Ω). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. uWinding Mode P Code Winding Mode t 102 r H y 6R0 q PL e 10H w T u P i N o B |
Similar Part No. - DLP31SN551ML2 |
|
Similar Description - DLP31SN551ML2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |